Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFJK-API Datasheet(PDF) 8 Page - ON Semiconductor

Part # AX-SFJK-API
Description  Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFJK-API Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AX-SFJK-API Datasheet HTML 4Page - ON Semiconductor AX-SFJK-API Datasheet HTML 5Page - ON Semiconductor AX-SFJK-API Datasheet HTML 6Page - ON Semiconductor AX-SFJK-API Datasheet HTML 7Page - ON Semiconductor AX-SFJK-API Datasheet HTML 8Page - ON Semiconductor AX-SFJK-API Datasheet HTML 9Page - ON Semiconductor AX-SFJK-API Datasheet HTML 10Page - ON Semiconductor AX-SFJK-API Datasheet HTML 11Page - ON Semiconductor AX-SFJK-API Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AX−SFJK, AX−SFJK−API
www.onsemi.com
8
Figure 3. Typical Spectrum with Harmonics at 13 dBm Output Power
A
*
1PK
CLRWR
3DB
RBW 1 MHz
SWT 10 s
*
Ref
0dBm
Att
10 dB
*
*
Center 3 GHz
Span 4GHz
400 MHz/
*
VBW 3 MHz
*
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1
Marker 1 [T1 ]
−50.37 dBm
1.846153846 GHz
2
Marker 2 [T1 ]
−67.09 dBm
2.769230769 GHz
3
Marker 3 [T1 ]
−65.24 dBm
3.692307692 GHz
ARIB
Table 8. RECEIVER
Conditions for receiver specifications unless otherwise specified with the antenna network from AX−SFJK Application Note: Sigfox
Compliant Reference Design and at 922.2 MHz.
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
600
bps
ISBER905
AT$SB=x,1, AT$SF=x,1,
AT$TM=3,x PER < 0.1
−126
dBm
BLK905
Blocking at ±10 MHz
offset
Channel/Blocker @ PER = 0.1, wanted signal
level is +3 dB above the typical sensitivity, the
blocker signal is CW
78
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com