Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFJK-API Datasheet(PDF) 12 Page - ON Semiconductor

Part # AX-SFJK-API
Description  Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFJK-API Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AX-SFJK-API Datasheet HTML 8Page - ON Semiconductor AX-SFJK-API Datasheet HTML 9Page - ON Semiconductor AX-SFJK-API Datasheet HTML 10Page - ON Semiconductor AX-SFJK-API Datasheet HTML 11Page - ON Semiconductor AX-SFJK-API Datasheet HTML 12Page - ON Semiconductor AX-SFJK-API Datasheet HTML 13Page - ON Semiconductor AX-SFJK-API Datasheet HTML 14Page - ON Semiconductor AX-SFJK-API Datasheet HTML 15Page - ON Semiconductor AX-SFJK-API Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AX−SFJK, AX−SFJK−API
www.onsemi.com
12
Table 10. COMMANDS (continued)
Command
Description
Name
AT$I=uint
Information
Display various product information:
0: Software Name & Version
Example Response: AX−Sigfox 1.1 RCZ3
1: Contact Details
Example Response: support@axsem.com
2: Silicon revision lower byte
Example Response: 8F
3: Silicon revision upper byte
Example Response: 51
4: Major Firmware Version
Example Response: 1
5: Minor Firmware Version
Example Response: 1
7: Firmware Variant (Frequency Band etc. (EU/US))
Example Response: RCZ3
9: SIGFOX Library Version
Example Response: UDL1−1.8.9
10: Device ID
Example Response: 00012345
11: PAC
Example Response: 0123456789ABCDEF
AT$P=uint
Set Power Mode
To conserve power, the AX−SFJK can be put to sleep manually.
Depending on power mode, you will be responsible for waking up the
AX−SFJK again!
0: software reset (settings will be reset to values in flash)
1: sleep (send a break to wake up)
2: deep sleep (toggle GPIO9 or RESET_N pin to wake up;
the AX−SFJK is not running and all settings will be reset!)
AT$WR
Save Config
Write all settings to flash (RX/TX frequencies, registers) so they
survive reset/deep sleep or loss of power.
Use AT$P=0 to reset the AX−SFJK and load settings from flash.
AT:Pn?
Get GPIO Pin
Return the setting of the GPIO Pin n; n can range from 0 to 9.
A character string is returned describing the mode of the pin,
followed by the actual value. If the pin is configured as analog pin,
then the voltage (range 0…1 V) is returned. The mode characters
have the following meaning:
Mode
Description
0
Pin drives low
1
Pin drives high
Z
Pin is high impedance input
U
Pin is input with pull−up
A
Pin is analog input (GPIO pin 0…3 only)
T
Pin is driven by clock or DAC (GPIO pin 0 and 4 only)
The default mode after exiting reset is U on all GPIO pins.
AT:Pn=?
Get GPIO Pin Range
Print a list of possible modes for a pin. The table below lists the
response.
Pin
Modes
P0
0, 1, Z, U, A, T
P1
0, 1, Z, U, A
P4
0, 1, Z, U, T
P5
0, 1, Z, U
P6
0, 1, Z, U
P7
0, 1, Z, U
P8
0, 1, Z, U
P9
0, 1, Z, U
AT:Pn=mode
Set GPIO Pin
Set the GPIO pin mode.
For a list of the modes see the command AT:Pn?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com