Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFJK-API Datasheet(PDF) 1 Page - ON Semiconductor

Part # AX-SFJK-API
Description  Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFJK-API Datasheet(HTML) 1 Page - ON Semiconductor

  AX-SFJK-API Datasheet HTML 1Page - ON Semiconductor AX-SFJK-API Datasheet HTML 2Page - ON Semiconductor AX-SFJK-API Datasheet HTML 3Page - ON Semiconductor AX-SFJK-API Datasheet HTML 4Page - ON Semiconductor AX-SFJK-API Datasheet HTML 5Page - ON Semiconductor AX-SFJK-API Datasheet HTML 6Page - ON Semiconductor AX-SFJK-API Datasheet HTML 7Page - ON Semiconductor AX-SFJK-API Datasheet HTML 8Page - ON Semiconductor AX-SFJK-API Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2017
April, 2019 − Rev. 4
1
Publication Order Number:
AX−SFJK/D
AX-SFJK, AX-SFJK-API
Ultra-Low Power,
AT Command / API Controlled,
Sigfox) Compliant
Transceiver IC for Up-Link
and Down-Link
OVERVIEW
Circuit Description
AX−SFJK and AX−SFJK−API are ultra−low power
single chip solutions for a node on the Sigfox network with
both up− and down−link functionality. The AX−SFJK chip
is delivered fully ready for operation and contains all the
necessary firmware to transmit and receive data from the
Sigfox network in Japan (SIGFOX RCZ3a region). It
connects to the customer product using a logic level RS232
UART. AT commands are used to send frames and configure
radio parameters.
The AX−SFJK−API variant is intended for customers
wishing to write their own application software based on the
AX−SF−LIB−1−GEVK library.
Features
Functionality and Ecosystem
• Sigfox up−link and down−link functionality controlled
by AT commands or API
• The AX−SFJK and AX−SFJK−API ICs are part of a
whole development and product ecosystem available
from ON Semiconductor for any Sigfox requirement.
Other parts of the ecosystem include
♦ Ready to go development kit
DVK−SFJK−[API]−1−GEVK including a 2 year
Sigfox subscription
♦ Sigfox Ready® certified reference design for the
AX−SFJK and AX−SFJK−API ICs
General Features
• QFN40 5 mm x 7 mm package
• Supply range 1.8 V*−3.6 V
• −40°C to 85°C
• Temperature sensor
• Supply voltage measurements
*The device is operational from 1.8 V to 3.6 V. However, a supply
voltage below 2.0 V is considered an extreme condition.
Details see Table 4.
• 10 GPIO pins
♦ 2 GPIO pins with selectable voltage measure
functionality, differential (1 V or 10 V range) or
single ended (1 V range) with 10 bit resolution
♦ 2 GPIO pins with selectable sigma delta DAC
output functionality
♦ 2 GPIO pins with selectable output clock
♦ 3 GPIO pins selectable as SPI master interface
♦ Integrated RX/TX switching with differential
antenna pins
Power Consumption
• Ultra−low Power Consumption:
♦ Charge required to send a Sigfox OOB packet at
13 dBm output power: 0.28 C
♦ Deep Sleep mode current: 100 nA
♦ Sleep mode current: 1.6
mA
♦ Standby mode current: 0.5 mA
♦ Continuous radio RX−mode at 922.2 MHz:
15 mA
♦ Continuous radio TX−mode at 923.2 MHz
45 mA @ 13 dBm
High Performance Narrow−band Sigfox RF Transceiver
• Receiver
♦ Carrier frequency 922.2 MHz
♦ Data rate 600 bps FSK
♦ Sensitivity
−126 dBm @ 600 bps, 922.2 MHz, GFSK
♦ 0 dBm maximum input power
• Transmitter
♦ Carrier frequency 923.2 MHz
♦ Data rate 100 bps PSK
♦ High efficiency, high linearity integrated power
amplifier
♦ Maximum output power 13 dBm
Applications
Sigfox networks up−link and down−link.
www.onsemi.com


Similar Part No. - AX-SFJK-API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
More results

Similar Description - AX-SFJK-API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
logo
Maxim Integrated Produc...
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com