Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C02
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C02 Datasheet HTML 13Page - Advanced Micro Devices AM79C02 Datasheet HTML 14Page - Advanced Micro Devices AM79C02 Datasheet HTML 15Page - Advanced Micro Devices AM79C02 Datasheet HTML 16Page - Advanced Micro Devices AM79C02 Datasheet HTML 17Page - Advanced Micro Devices AM79C02 Datasheet HTML 18Page - Advanced Micro Devices AM79C02 Datasheet HTML 19Page - Advanced Micro Devices AM79C02 Datasheet HTML 20Page - Advanced Micro Devices AM79C02 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
SLAC Products
17
SWITCHING CHARACTERISTICS over operating range unless otherwise noted
Microprocessor Interface
Min and max values are valid for all digital outputs with a 150 pF load, except C1–C5 with a 30 pF load. Pull-up
resistors of 360
Ω are attached to TSCA and TSCB.
PCM Interface
PCLK not to exceed 4.096 MHz when PCM delay is used.
No.
Symbol
Parameter
Min
Typ
Max
Units
1tDCY
Data Clock Period
244
ns
2tDCH
Data Clock High Pulse Width (Note 1)
97
3tDCL
Data Clock Low Pulse Width (Note 1)
97
4tDCR
Rise Time of Clock
25
5tDCF
Fall Time of Clock
25
6tICSS
Chip Select Setup Time, Input Mode
70
tDCY – 10
7tICSH
Chip Select Hold Time, Input Mode
0
tDCH – 20
8tICSL
Chip Select Pulse Width, Input Mode
8tDCY
9tICSO
Chip Select Off Time, Input Mode (Note 7)
5
µs
10
tIDS
Input Data Setup Time
30
ns
11
tIDH
Input Data Hold Time
30
12
tOLH
SLIC Output Latch Valid
20
1000
13
tOCSS
Chip Select Setup Time, Output Mode
70
tDCY – 10
14
tOCSH
Chip Select Hold Time, Output Mode
0
tDCH – 20
15
tOCSL
Chip Select Pulse Width, Output Mode
8tDCY
16
tOCSO
Chip Select Off Time, Output Mode (Note 7)
5
µs
17
tODD
Output Data Turn On Delay (Note 5)
50
ns
18
tODH
Output Data Hold Time
0
19
tODOF
Output Data Turn Off Delay
50
20
tODC
Output Data Valid
0
50
No.
Symbol
Parameter
Min
Typ
Max
Units
21
tPCY
PCM Clock Period (Note 2)
0.122
7.8125
µs
22
tPCH
PCM Clock High Pulse Width
48
3890
ns
23
tPCL
PCM Clock Low Pulse Width
48
3890
24
tPCF
Fall Time of Clock
15
25
tPCR
Rise Time of Clock
15
26
tFSS
FS Setup Time
25
tPCY – 50
27
tFSH
FS Hold Time
50
28
tTSD
Delay to TSC Valid
(with Programmable Delay) (Note 3)
5
30
80
150
29
tTSO
Delay to TSC Off
(with Programmable Delay) (Note 6)
5
30
80
150
30
tDXD
PCM Data Output Delay
(with Programmable Delay) (Note 4)
3
30
80
150
31
tDXH
PCM Data Output Hold Time
(with Programmable Delay) (Note 4)
5
30
80
150
32
tDXZ
PCM Data Output Delay to HI-Z
(with Programmable Delay) (Note 4)
5
30
80
150
33
tDRS
PCM Data Input Setup Time
25
34
tDRH
PCM Data Input Hold Time
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com