Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C02
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C02 Datasheet HTML 21Page - Advanced Micro Devices AM79C02 Datasheet HTML 22Page - Advanced Micro Devices AM79C02 Datasheet HTML 23Page - Advanced Micro Devices AM79C02 Datasheet HTML 24Page - Advanced Micro Devices AM79C02 Datasheet HTML 25Page - Advanced Micro Devices AM79C02 Datasheet HTML 26Page - Advanced Micro Devices AM79C02 Datasheet HTML 27Page - Advanced Micro Devices AM79C02 Datasheet HTML 28Page - Advanced Micro Devices AM79C02 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
SLAC Products
25
Command Description and Formats
Microprocessor Interface Description
A microprocessor may be used to program the DSLAC
device and control its operation using the Microproces-
sor Interface (MPI). Data programmed previously may
be read out for verification. For each channel, com-
mands are provided to assign values to the following
parameters.
– Transmit time slot
– Receive time slot
– Transmit clock slot
– Receive clock slot
– Transmit gain
– Receive loss
– B-filter coefficients
– X-filter coefficients
– R-filter coefficients
– Z-filter coefficients
– Adaptive B filter parameters
– AISN coefficient
– Read/Write SLIC Input/Output
– Select A-law or µ-law code
– Select Transmit PCM Port A or B
– Select Transmit PCM clock edge
– Select Transmit PCM delay
– Select Receive PCM Port A or B
– Enable/disable B filter
– Enable/disable Z filter
– Enable/disable X filter
– Enable/disable R filter
– Enable/disable GX filter
– Enable/disable GR filter
– Enable/disable AX amplifier
– Enable/disable AR amplifier
– Enable/disable adaptive B filter
– Select test modes
– Select Active or Inactive (standby) mode
The following description of the MPI is valid for either
Channel 1 or 2. Whenever CS is specified, it refers to
either CS1 or CS2. If desired, both channels may be
programmed simultaneously with identical information
by activating CS1 and CS2 at the same time. Com-
mands that affect both channels simultaneously are not-
ed as such.
The MPI consists of serial data input (DIN or DIO), out-
put (DOUT or DIO), data clock (DCLK), and a separate
chip select (CS1 and CS2) input for each channel. The
serial input consists of 8-bit command words that may
be followed with additional bytes of input data or may
be followed by the DSLAC device sending out bytes of
data. All data input and output is MSB (D7) first and LSB
(D0) last. All data bytes are read or written one at a time,
with CS going High for at least the minimum off period
before the next byte is read or written.
All commands that require additional input data to the
device must have the input data as the next N words
written into the device (for example, framed by the next
N transitions of CS). All commands that are followed
by output data causes the device to output data for the
next N transitions of CS going Low. The DSLAC device
does not accept any input commands until all the data
is shifted out. Unused bits in the data bytes are read
out as zeros.
A command sequence to one channel must be finished
before a command can be sent to the channel. The NOP
Command 2 is recommended to follow any set of com-
mands to the DSLAC device. The NOP is executed in
the event of any anamolous CS assertion.
An MPI cycle is defined by transitions of CS and DCLK.
If the CS lines are held in the High state between ac-
cesses, the DCLK may run continuously with no change
to the internal control data. Using this method, the same
DCLK may be run to a number of DSLAC devices and
the individual CS lines selects the appropriate device
to access. Between command sequences, DCLK can
stay in the High state indefinitely with no loss of internal
control information regardless of any transitions on the
CS lines. Between bytes of a multibyte read or write
command sequence, DCLK also can stay in the High
state indefinitely; however, each low-going transition of
the CS line still advances the byte counter. DCLK can
stay in the Low state indefinitely with no loss of internal
control information, provided the CS lines remain at a
high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com