Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM79C02
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM79C02 Datasheet HTML 1Page - Advanced Micro Devices AM79C02 Datasheet HTML 2Page - Advanced Micro Devices AM79C02 Datasheet HTML 3Page - Advanced Micro Devices AM79C02 Datasheet HTML 4Page - Advanced Micro Devices AM79C02 Datasheet HTML 5Page - Advanced Micro Devices AM79C02 Datasheet HTML 6Page - Advanced Micro Devices AM79C02 Datasheet HTML 7Page - Advanced Micro Devices AM79C02 Datasheet HTML 8Page - Advanced Micro Devices AM79C02 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
SLAC Products
5
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Am79C02/03/031
J
TEMPERATURE RANGE
C= Commercial (0
°C to 70°C;
Relative Humidity=15% to 85%)*
PACKAGE TYPE
J =44-Pin Plastic Leaded Chip Carrier (PL 044)
—Am79C02
32-Pin Plastic Leaded Chip Carrier (PL 032)
—Am79C03 and 031
DEVICE NUMBER/DESCRIPTION
Am79C02/03/031
Dual Subscriber Line Audio-Processing Circuit (DSLAC Device)
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability
of specific valid combinations, to check on newly
released combinations, and to obtain additional
data on AMD’s standard military grade products.
C
Note:
* Functionality of the device from 0
°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C is
guaranteed by characterization and periodic sampling of production units.
Valid Combinations
Am79C02
AJC, JC
Am79C03
Am79C031
A
DEVICE OPTIONS
Blank = Standard Device
A = Adaptive Transhybrid Balance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com