Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C02
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C02 Datasheet HTML 18Page - Advanced Micro Devices AM79C02 Datasheet HTML 19Page - Advanced Micro Devices AM79C02 Datasheet HTML 20Page - Advanced Micro Devices AM79C02 Datasheet HTML 21Page - Advanced Micro Devices AM79C02 Datasheet HTML 22Page - Advanced Micro Devices AM79C02 Datasheet HTML 23Page - Advanced Micro Devices AM79C02 Datasheet HTML 24Page - Advanced Micro Devices AM79C02 Datasheet HTML 25Page - Advanced Micro Devices AM79C02 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
Am79C02/03/031(A) Data Sheet
Operating the DSLAC Device
The following describes the operation of either channel
of the DSLAC device. The description is valid for either
Channel 1 or 2. VIN in this data sheet refers to either
VIN1 or VIN2, VOUT refers to either VOUT1 or VOUT2,
and CS refers to either CS1 or CS2.
Power-Up Sequence from VCC = 0 V
The recommended power-up sequence is to apply:
1. Power supply grounds
2. VCC/VEE
3. Signal connections
4. Hardware Reset (02 only)
The software initialization should then include:
1. Select MCLK (Command 6)
2. Software Reset (Command 2)
3. Program filter coefficients and other parameters
4. Activate (Command 5)
Software initialization of the DSLAC device should al-
ways follow any power-up or hardware reset.
Upon initial application of power, a minimum of 1 ms is
needed before CS1 or CS2 may go Low and an MPI
command initiated. If the power supply (VCCD1 or
VCCD2) falls below approximately 2.0 V, the device is
reset and requires complete reprogramming with the
above sequence. Bit 7 of the SLIC Direction Register
reads back as a logical 1 to indicate that a power inter-
ruption has been detected. This bit is cleared when a
software reset command is sent to the DSLAC device.
The RST pin may be tied to +5 V if it is not needed in
the system (Am79C02 only).
Active Mode
Each channel of the DSLAC device can operate in either
the Active (operational) or Inactive (standby) mode. In
the Active mode, the DSLAC device is able to transmit
and receive PCM and analog information. This is the
normal operating mode when a telephone call is in
progress. The Activate command, Microprocessor In-
terface (MPI) Command 5, puts the device into this
state. Bringing the DSLAC device into the Active mode
is possible only through the MPI.
Inactive Mode
The DSLAC device is forced into the Inactive (standby)
mode after a powerup, hardware or software reset, or
is programmed into this mode by the Deactivate com-
mand (Command 1). Power is switched off from all non-
essential circuitry, though the MPI remains active to
receive new commands. The analog output is tied to
ground through an approximate 3 k
Ω resistor. All cir-
cuits, which contain programmed information, retain
their data in the Inactive mode.
Reset State
An active Low, hardware Reset pin (RST) is available
on the Am79C02, which resets the device to the fol-
lowing default state. (For the Am79C02, Am79C03,
and Am79C031, when power is first applied, an internal
power-up reset puts the device into the following de-
fault state.)
1. A-law is selected
2. B, X, R, and Z filters disabled; AISN gain is zero.
3. Digital (GX and GR) gain blocks are disabled,
resulting in unity gain, and analog (AX and AR)
gains are set to unity.
4. SLIC input/output direction is set to the Input mode.
5. Normal conditions are selected (see Command 4).
6. The B-filter Adaptive mode is turned off.
7. Both channels placed in Inactive (standby) mode.
8. Transmit time, receive time, and clock slots are set
to zero.
9. DXA/DRA ports are selected for Channel 1.
10. DXB/DRB ports are selected for Channel 2.
Note: Must be reassigned to DXA/DRA for
Am79C031.
11. MCLK is selected to be 4.096 MHz.
12. Transmit on the negative edge of PCLK. (XE = 0)
13. PCM Delay is inserted.
Reset states 1 to 7 are identical to those of the software
reset (Command 2). The software reset command af-
fects only those channels that have their CS asserted.
Signal Processing
Overview of Digital Filters
Several of the blocks in the signal processing section
are user programmable. These allow the user to opti-
mize the performance of the DSLAC device for the sys-
tem. Figure 8 shows the DSLAC device signal
processing and indicates the programmable blocks.
The advantages of digital filters are:
s High reliability
s No drift with time or temperature
s Unit-to-unit repeatability
s Superior transmission performance
Two-Wire Impedance Matching
Two feedback paths on the DSLAC device modify the
effective two-wire input impedance of the SLIC by pro-
viding programmable feedback from VIN to VOUT. The
Analog Impedance Scaling Network (AISN) is a pro-
grammable analog gain of –0.9375 to +0.935 from VIN
to VOUT. The Z filter is a programmable digital filter, also
connecting VIN to VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com