Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C02 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C02
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C02 Datasheet HTML 20Page - Advanced Micro Devices AM79C02 Datasheet HTML 21Page - Advanced Micro Devices AM79C02 Datasheet HTML 22Page - Advanced Micro Devices AM79C02 Datasheet HTML 23Page - Advanced Micro Devices AM79C02 Datasheet HTML 24Page - Advanced Micro Devices AM79C02 Datasheet HTML 25Page - Advanced Micro Devices AM79C02 Datasheet HTML 26Page - Advanced Micro Devices AM79C02 Datasheet HTML 27Page - Advanced Micro Devices AM79C02 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
Am79C02/03/031(A) Data Sheet
fractional time slot after the last full time slot in the
frame contains random information and has the TSC
output turned on. For example, if the PCLK frequency
is 1.544 MHz (R = 1) and the transmit clock slot is
greater than 1, the 1-bit fractional time slot after the last
full time slot in the frame contains random information,
and the TSC output remains active during the fractional
time slot. The data is transmitted in bytes, with the most
significant bit first.
The PCM data may be user programmed for output onto
either the DXA or DXB port. Correspondingly, either
TSCA or TSCB is Low during transmission.
The DXA/DXB and TSCA/TSCB outputs can be pro-
grammed to change either on the negative or positive
edge of PCLK. In the first case, an extra delay (PCM
delay) in the timing of the DXA and DXB signals may be
programmed to allow timing compatibility with other de-
vices on the PCM highway.
Receive Signal Processing
In the receive path, the digital signal is expanded, fil-
tered, converted to analog, and passed to the VOUT
pin. The signal processor contains an ALU, RAM, ROM,
and control logic to implement the filter sections. The Z,
R, and GR blocks are user-programmable filter sections
with their coefficients stored in the coefficient RAM,
while AR is an analog amplifier that can be programmed
for a 0 dB or 6.02 dB loss. The filters may be made
transparent when not required in a system.
The low-pass filter band limits the signal. The R filter is
a six tap FIR section operating at a 16 kHz sampling
rate and is part of the frequency response correction
network. The Analog Impedance Scaling Network
(AISN) is a user-programmable gain block providing
feedback from VIN to VOUT to emulate different ZSLIC
impedances from a single external ZSLIC impedance.
The Z filter provides feedback from the transmit signal
path to the receive path and is used to modify the effec-
tive input impedance to the system. The interpolator
increases the sampling rate prior to D/A conversion.
Receive PCM Interface
The receive PCM interface logic controls the reception
of data bytes from the PCM highway, transfers the data
to the A-law/µ-law expansion logic, and then passes the
data to the receive path of the signal processor. The
frame sync (FS) pulse identifies the beginning of a re-
ceive frame, and all channels (time slots) are referenced
to it.
The logic contains user-programmable Receive Time
Slot and Receive Clock Slot registers. The Time Slot
register is 7 bits wide and allows up to 128 8-bit chan-
nels (using a PCLK of 8.192 MHz) in each frame. This
feature allows any clock frequency between 128 kHz
and 8.192 MHz (2 to 128 channels) in a system. The
Clock Slot register is 3 bits wide and may be pro-
grammed to offset the time slot assignment by 0 to 7
PCLK periods to eliminate any clock skews in the sys-
tem. An exception occurs when division of the PCLK
frequency by 64 kHz produces a nonzero remainder, R
(R = fPCLK modulo 64 kHz, R > 0) and when the receive
clock slot is greater than R. In that case, the last receive
time slot in the frame is not usable. For example, if the
PCLK frequency is 1.544 MHz (R = 1), the receive clock
slot can be only 0 or 1 if the last time slot is to be used.
The PCM data may be user programmed for input from
either the DRA or DRB port.
Analog Impedance Scaling Network (AISN)
The AISN is incorporated in the DSLAC device to scale
the value of the external ZSLIC impedance. Scaling this
external impedance with the AISN (along with the Z fil-
ter) allows matching of many different line conditions
using a single impedance value. Linecards may be de-
signed for many different specifications without any
hardware changes.
The AISN is a programmable gain that is connected
across the DSLAC device input from VIN to VOUT. The
gain can be varied from –0.9375 to +0.9375 in 31
steps of 0.0625. The AISN gain is given by the follow-
ing equation:
where A, B, C, D, and E = 1 or 0.
The AISN gain is used to alter the input impedance of
the DSLAC device from the SLIC as given by:
where G440 (defined as G24 G42 + G44) is the echo
gain into an open circuit and G44 is the echo gain into
a short circuit.
There are two special cases to the formula for hAISN:
1) value of ABCDE = 00000 specifies a gain of 0 (or
cutoff), and 2) a value of ABCDE = 10000 is a special
case where the AISN circuitry is disabled and the VOUT
pad is connected internally to VIN with a gain of 0 dB.
This allows a digital-to-digital Loopback mode wherein
a digital PCM input signal is completely processed
through the receive section all the way to the VOUT pin.
The signal then is connected internally to VIN where it
is processed through the transmit section and output as
digital PCM data.
Speech Coding
The A/D and D/A conversion follows either the A-law or
the µ-law as they are defined in CCITT Rec. G.711. A-
law or µ-law operation is programmed using MPI Com-
mand 19. Alternate bit inversion is performed as part
of the A-law coding.
h
AISN
0.0625 A2
4
B2
3
C2
2
D2
1
E2
0
++
+
+
() 16
–
[]
=
Z
IN
Z
SL
1G
44hAISN
–
()
1G
440hAISN
–
()
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com