Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU2/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16IMU2/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU2/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16IMU2/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADIS16446
Rev. 0 | Page 5 of 23
TIMING SPECIFICATIONS
TA = 25°C and VDD = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Description
Normal Mode
Burst Read
Unit
Min1
Typ
Max
Min1
Typ
Max
fSCLK
Serial clock
0.01
2.0
0.01
1.0
MHz
tSTALL
Stall period between data
20
N/A2
μs
tREADRATE
Read rate
40
μs
t
CS
Chip select to SCLK edge
48.8
48.8
ns
tDAV
DOUT valid after SCLK edge
100
100
ns
tDSU
DIN setup time before SCLK rising edge
24.4
24.4
ns
tDHD
DIN hold time after SCLK rising edge
48.8
48.8
ns
tSCLKR, tSCLKF
SCLK rise and fall times, not shown in the Timing Diagrams section
5
12.5
5
12.5
ns
tDR, tDF
DOUT rise and fall times, not shown in the Timing Diagrams section
5
12.5
5
12.5
ns
tSFS
CS high after SCLK edge
5
5
ns
t1
Input sync positive pulse width
25
25
μs
tSTDR
Input sync to data ready valid transition
600
600
μs
tNV
Data invalid time
210
210
μs
t3
Input sync period
910
910
μs
1 Guaranteed by design and characterization but not tested in production.
2 When using the burst read function, the stall period is not applicable.
Timing Diagrams
CS
SCLK
DOUT
DIN
12
3
4
5
6
15
16
R/W
A5
A6
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tDHD
tDSU
Figure 2. SPI Timing and Sequence
CS
SCLK
tREADRATE
tSTALL
Figure 3. Stall Time and Data Rate
CLOCK
DATA
READY
1
3
NV
STDR
Figure 4. Input Clock Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com