Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU2/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16IMU2/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU2/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16IMU2/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 14 of 23
SYSTEM FUNCTIONS
GLOBAL COMMANDS
The GLOB_CMD register in Table 19 provides trigger bits
for software reset, flash memory management, and calibration
control. Start each of these functions by writing a 1 to the assigned
bit in the GLOB_CMD register. After completing the task, the
bit automatically returns to 0. For example, set GLOB_CMD, Bit 7
= 1 (DIN = 0xBE80) to initiate a software reset. Set GLOB_CMD,
Bit 3 = 1 (DIN = 0xBE08) to back up the user register contents
in the nonvolatile flash. This sequence includes loading the
control registers with the data in their respective flash memory
locations prior to producing new data.
Table 19. GLOB_CMD (Base Address = 0x3E), Write Only
Bits
Description (Default = 0x0000)
[15:8]
Not used
7
Software reset
[6:4]
Not used
3
Flash update
2
Not used
1
Factory calibration restore
0
Gyroscope bias correction
Flash Update
When using the user calibration registers to optimize system
level accuracy, set GLOB_CMD, Bit 3 = 1 (DIN = 0xBE04) to save
these settings in the nonvolatile flash memory. Be sure to consider
the endurance rating of the flash memory when determining how
often to update the user correction factors in the flash memory.
Restoring Factory Calibration
Set GLOB_CMD, Bit 1 = 1 (DIN = 0xBE02) to execute the
factory calibration restore function, which resets the gyroscope
and accelerometer offset registers to 0x0000 and all sensor data to
0. Restoring the factory calibration automatically updates the
flash memory and restarts sampling and processing data. See
Table 19 for information on GLOB_CMD.
PRODUCT IDENTIFICATION
The PROD_ID register in Table 22 contains the binary equivalent
of 16,446. This register provides a product specific variable for
systems that must track this in their system software. The
LOT_ID1 and LOT_ID2 registers in Table 20 and Table 21
combine to provide a unique, 32-bit lot identification code.
The SERIAL_NUM register in Table 23 contains a binary
number that represents the serial number on the device label.
The assigned serial numbers in SERIAL_NUM are lot specific.
Table 20. LOT_ID1 (Base Address = 0x52), Read Only
Bits
Description
[15:0]
Lot identification, binary code
Table 21. LOT_ID2 (Base Address = 0x54), Read Only
Bits
Description
[15:0]
Lot identification, binary code
Table 22. PROD_ID (Base Address = 0x56), Read Only
Bits
Description (Default = 0x403E)
[15:0]
Product identification = 0x403E. Note that 0x403E
equals 16,446 decimal.
Table 23. SERIAL_NUM (Base Address = 0x58), Read Only
Bits
Description
[15:12]
Reserved
[11:0]
Serial number, 1 to 4094 (0xFFE)
SELF-TEST FUNCTION
The MSC_CTRL register in Table 24 provides a self test function
for the gyroscopes and accelerometers. This function allows the
user to verify the mechanical integrity of each MEMS sensor.
When enabled, the self test function applies an electrostatic force
to each internal sensor element which causes them to move. The
movement in each element simulates its response to actual rotation
and/or acceleration and generates a predictable electrical response
in the sensor outputs. Set MSC_CTRL, Bit 10 = 1 (DIN = 0xB504)
to activate the internal self test routine, which compares the
response to an expected range of responses and reports a pass
or fail response to DIAG_STAT, Bit 5. If this is high, review
DIAG_STAT, Bits[15:10] to identify the failing sensor.
Table 24. MSC_CTRL (Base Address = 0x34), Read/Write
Bits
Description (Default = 0x0006)
[15:12]
Not used, always set to 0000
11
Checksum memory test (cleared upon completion)1
1 = enabled, 0 = disabled
10
Internal self test (cleared upon completion)1
1 = enabled, 0 = disabled
[9:7]
Not used. Always set to 000
6
Point of percussion, see Figure 21
1 = enabled, 0 = disabled
[5:3]
Not used, always set to 000
2
Data ready enable
1 = enabled, 0 = disabled
1
Data ready polarity
1 = active high when data is valid
0 = active low when data is valid
0
Data ready line select
1 = DIO2, 0 = DIO1
1
Bit 11 and Bit 10 are automatically reset to 0 after finishing their respective tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com