Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU2/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16IMU2/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU2/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16IMU2/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADIS16446
Rev. 0 | Page 7 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
19
20
17
18
15
16
13
14
11
12
9
10
7
8
5
6
3
4
1
2
ADIS16446
TOP VIEW
(Not to Scale)
NOTES
1. THIS REPRESENTATION DISPLAYS THE TOP VIEW WHEN THE
CONNECTOR IS VISIBLE AND FACING UP.
2. MATING CONNECTOR: SAMTEC CLM-110-02 OR EQUIVALENT.
3. DNC = DO NOT CONNECT.
Figure 5. Pin Configuration
PIN 1
PIN 20
Figure 6. Pin Locations
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
DIO3
Input/output
Configurable Digital Input and Output.
2
DIO4/CLKIN
Input/output
Configurable Digital Input and Output or Sync Clock Input.
3
SCLK
Input
SPI Serial Clock.
4
DOUT
Output
SPI Data Output. DOUT clocks the output on the SCLK falling edge.
5
DIN
Input
SPI Data Input. DIN clocks the input on the SCLK rising edge.
6
CS
Input
SPI Chip Select.
7
DIO1
Input/output
Configurable Digital Input and Output.
8
RST
Input
Reset.
9
DIO2
Input/output
Configurable Digital Input and Output.
10, 11, 12
VDD
Supply
Power Supply. It is recommended to place a 10 µF capacitor between the VDD pins and
the GND pins.
13, 14, 15
GND
Supply
Power Ground.
16, 17, 18, 19, 20
DNC
Not applicable
Do Not Connect. Do not connect to the DNC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com