Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU2/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16IMU2/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU2/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16IMU2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADIS16446
Rev. 0 | Page 9 of 23
THEORY OF OPERATION
The ADIS16446 is an autonomous system that requires no
user initialization. When the device has a valid power supply,
it initializes itself and starts sampling, processing, and loading
sensor data into the output registers at a sample rate of 819.2 SPS.
DIO1 pulses high after each sample cycle concludes. The SPI
enables simple integration with many embedded processor
platforms, as shown in Figure 9 (electrical connection) and
Table 6 (pin functions). Note that the use of 33 Ω series
resistors placed near the transmitters on the SPI lines shown
in Figure 9 can provide additional signal integrity but are
not required in most applications.
SYSTEM
PROCESSOR
SPI MASTER
ADIS16446
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
+3.3V
IRQ
DIO1
(USER-CONFIGURABLE.
FACTORY DEFAULT IS DIO1)
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V LOGIC LINES
6
3
5
4
7
11
14
13
Figure 9. Electrical Connection Diagram
Table 6. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select
SCLK
Serial clock
MOSI
Master output, slave input
MISO
Master input, slave output
IRQ
Interrupt request
The ADIS16446 SPI supports full duplex serial communication
(simultaneous transmit and receive) and uses the bit sequence
shown in Figure 10. Table 7 provides a list of the most common
settings used to initialize the serial port of a processor for the
ADIS16446 SPI.
Table 7. Generic Master Processor SPI Settings
Processor Setting
Description
Master
The ADIS16446 operates as a slave
SCLK Rate ≤ 2 MHz1
Maximum serial clock rate
SPI Mode 3
CPOL = 1 (polarity), and CPHA = 1 (phase)
MSB First Mode
Bit sequence
16-Bit Mode
Shift register and data length
1
For burst read, SCLK rate ≤ 1 MHz.
DEVICE OPERATION
During normal operation, the ADIS16446 generates a data
ready pulse every time a new sample is available. In the default
configuration, the 819.2 SPS sample clock that generates the
data ready pulse is internally generated, although the user has
the option of synchronizing the data sampling to an external
clock. The ADIS16446 registers are updated when the data
ready signal is inactive. Therefore, the user must not attempt to
read the ADIS16446 registers during this time.
When performing operations such as part configuration, reset,
self test, or flash memory update, the best way to know if the
operation is complete is by monitoring the data ready pulse
because the data ready pulse automatically resumes after the
desired operation completes. Note that excessive SPI transactions
(such as polling a status register) during a self test or flash
memory update delay completion of the task. See the Data
Ready Indicator section for further information on the data
ready indicator.
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
CS
SCLK
DIN
DOUT
A6
A5
D13
D14
D15
NOTES
1. THE DOUT BIT PATTERN REFLECTS THE ENTIRE CONTENTS OF THE REGISTER IDENTIFIED BY [A6:A0]
IN THE PREVIOUS 16-BIT DIN SEQUENCE WHEN R/W = 0.
2. IF R/W = 1 DURING THE PREVIOUS SEQUENCE, DOUT IS NOT DEFINED.
Figure 10. SPI Communication Bit Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com