Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU2/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16IMU2/PCBZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU2/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16IMU2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16IMU2/PCBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 12 of 23
OUTPUT DATA REGISTERS
Each sensor in the ADIS16446 has a dedicated output register
in the user register map (see Table 8). Figure 17 provides arrows
that describe the direction or rotation (gX, gY, gZ) and acceleration
(aX, aY, aZ) that produce a positive response in its output data.
GYROSCOPES
XGYRO_OUT (see Table 9) contains x-axis gyroscope data (gX
in Figure 17), YGYRO_OUT (see Table 10) contains y-axis gyro-
scope data (gY in Figure 17), and ZGYRO_OUT (see Table 11)
contains z-axis gyroscope data (gZ in Figure 17). Table 12
illustrates the gyroscope data format with numerical examples.
Table 9. XGYRO_OUT (Base Address = 0x04), Read Only
Bits
Description
[15:0] X-axis gyroscope data, twos complement format,
25 LSB/°/sec (SENS_AVG, Bits[15:8] = 0x04), 0°/sec = 0x0000
Table 10. YGYRO_OUT (Base Address = 0x06), Read Only
Bits
Description
[15:0] Y-axis gyroscope data, twos complement format,
25 LSB/°/sec (SENS_AVG, Bits[15:8] = 0x04), 0°/sec = 0x0000
Table 11. ZGYRO_OUT (Base Address = 0x08), Read Only
Bits
Description
[15:0] Z-axis gyroscope data, twos complement format,
25 LSB/°/sec (SENS_AVG, Bits[15:8] = 0x04), 0°/sec = 0x0000
Table 12. Rotation Rate, Twos Complement Format1
Rotation
Rate (°/sec)
Decimal
Hex
Binary
+1000
+25,000
0x61A8
0110 0001 1010 1000
+2 ÷ 25
+2
0x0002
0000 0000 0000 0010
+1 ÷ 25
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−1 ÷ 25
−1
0xFFFF
1111 1111 1111 1111
−2 ÷ 25
−2
0xFFFE
1111 1111 1111 1110
−1000
−25,000
0x9E58
1001 1110 0101 1000
1
SENS_AVG, Bits[15:8] = 0x04, see Table 29.
ACCELEROMETERS
XACCL_OUT (see Table 13) contains x-axis accelerometer data
(aX in Figure 17), YACCL_OUT (see Table 14) contains y-axis
accelerometer data (aY in Figure 17), and ZACCL_OUT (see
Table 15) contains z-axis accelerometer data (aZ in Figure 17).
Table 16 illustrates the accelerometer data format with numerical
examples.
Table 13. XACCL_OUT (Base Address = 0x0A), Read Only
Bits
Description
[15:0]
X-axis acceleration data, twos complement format,
1200 LSB/g, 0 g = 0x0000
Table 14. YACCL_OUT (Base Address = 0x0C), Read Only
Bits
Description
[15:0]
Y-axis acceleration data, twos complement format,
1200 LSB/g, 0 g = 0x0000
Table 15. ZACCL_OUT (Base Address = 0x0E), Read Only
Bits
Description
[15:0]
Z-axis acceleration data, twos complement format,
1200 LSB/g, 0 g = 0x0000
Table 16. Acceleration, Twos Complement Format
Acceleration (g)
Decimal Hex
Binary
+18
+21,600
0x5460
0101 0100 0101 0000
+2 ÷ 1200
+2
0x0002
0000 0000 0000 0010
+1 ÷ 1200
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−1 ÷ 1200
−1
0xFFFF
1111 1111 1111 1111
−2 ÷ 1200
−2
0xFFFE
1111 1111 1111 1110
−18
−21,600
0xABA0
1010 1011 1010 0000
Y-AXIS
X-AXIS
Z-AXIS
aZ
aY
gY
aX
gX
gZ
Figure 17. Inertial Sensor Direction Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com