Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA9002ACGZN-R7
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADPA9002ACGZN-R7 Datasheet HTML 1Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADPA9002
Rev. 0 | Page 3 of 19
SPECIFICATIONS
DC TO 2 GHz
TA = 25°C, VDD = 12 V, IDQ = 385 mA, VGG1= GND for nominal self biased operation, and frequency range = dc to 2 GHz, with a 50 Ω
matched input and output, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
DC
2
GHz
GAIN
12.5
14.5
dB
Gain Variation Over Temperature
±0.01
dB/°C
NOISE FIGURE
5
dB
RETURN LOSS
Input
18
dB
Output
14
dB
OUTPUT
Output Power for 1 dB Compression
OP1dB
27
29
dBm
Saturated Output Power
PSAT
31
dBm
Output Third-Order Intercept
OIP3
43
dBm
Measurement taken at output power (POUT) per tone =
14 dBm
SUPPLY
Quiescent Current
IDQ
385
mA
For external bias control, adjust VGG1 between −2 V and
+0.5 V to achieve the desired IDQ
Drain Voltage
VDD
10
12
15
V
2 GHz TO 5 GHz
TA = 25°C, VDD = 12 V, IDQ = 385 mA, VGG1 = GND for nominal self biased operation, and frequency range = 2 GHz to 5 GHz, unless
otherwise noted. 50 Ω matched input/output.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2
5
GHz
GAIN
13
15
dB
Gain Variation Over Temperature
±0.008
dB/°C
NOISE FIGURE
3
dB
RETURN LOSS
Input
14
dB
Output
15
dB
OUTPUT
Output Power for 1 dB Compression
OP1dB
27
29
dBm
Saturated Output Power
PSAT
31.5
dBm
Output Third-Order Intercept
OIP3
42
dBm
Measurement taken at POUT per tone = 14 dBm
SUPPLY
Quiescent Current
IDQ
385
mA
For external bias control, adjust VGG1 between −2 V and
+0.5 V to achieve the desired IDQ
Drain Voltage
VDD
10
12
15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com