Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA9002ACGZN-R7
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA9002ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 14Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 15Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 16Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 17Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 18Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADPA9002
Rev. 0 | Page 15 of 19
570
370
420
395
445
470
495
520
545
–5
0
5
10
15
20
INPUT POWER (dBm)
3GHz
2GHz
1GHz
10GHz
9GHz
8GHz
7GHz
6GHz
5GHz
4GHz
Figure 50. IDD vs. Input Power for Various Frequencies,
Self Biased Mode, VDD = 12 V, VGG1 = GND
0.5
–0.2
0
0.2
0.4
–0.1
0.1
0.3
–5
0
5
10
15
20
INPUT POWER (dBm)
3GHz
2GHz
1GHz
10GHz
9GHz
8GHz
7GHz
6GHz
5GHz
4GHz
Figure 51. Gate 1 Current (IGG1) vs. Input Power for Various Frequencies,
VDD = 12 V, IDQ = 400 mA, Controlled VGG1
1000
0
200
400
600
800
900
100
300
500
700
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
VGG1 (V)
Figure 52. IDQ vs. VGG1, VDD = 12 V, Externally Biased Mode
570
370
420
395
445
470
495
520
545
–5
0
5
10
15
20
INPUT POWER (dBm)
3GHz
2GHz
1GHz
10GHz
9GHz
8GHz
7GHz
6GHz
5GHz
4GHz
Figure 53. IDD vs. Input Power for Various Frequencies,
VDD = 12 V, IDQ = 400 mA, Controlled VGG1
500
250
300
350
400
450
2
16
14
12
10
8
6
4
VDD (V)
Figure 54. IDQ vs. VDD, VGG1 = GND, Self Biased Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com