Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA9002ACGZN-R7
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADPA9002ACGZN-R7 Datasheet HTML 1Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
ADPA9002
Rev. 0 | Page 5 of 19
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD
16 V
VGG1
−2.5 V to +1 V
RFIN
25 dBm
Continuous Power Dissipation (PDISS), T = 85°C
(Derate 113.64 mW/°C Above 85°C)
10.2 W
Output Load Voltage Standing Wave Ratio
(VSWR)
7:1
Temperature
Storage Range
−65°C to +150°C
Operating Range
−40°C to +85°C
Peak Reflow (Moisture Sensitivity Level
(MSL) 3)
260°C
Junction to Maintain 1 Million Hour Mean
Time to Failure (MTTF)
175°C
Nominal Junction (T = 85°C, VDD = 12 V)
125.7°C
ESD Sensitivity
Human Body Model (HBM)
Class 1B, passed
500 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required. θJC is the junction to case
thermal resistance.
Table 5. Thermal Resistance
Package
θJC
Unit
CG-32-2
8.8
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com