Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA9002ACGZN-R7
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA9002ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 14Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 15Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 16Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 17Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 18Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADPA9002
Rev. 0 | Page 17 of 19
THEORY OF OPERATION
The ADPA9002 is a GaAs, MMIC, pHEMT, cascode distributed
power amplifier. The cascode distributed architecture of the
ADPA9002 uses a fundamental cell consisting of a stack of two
field effect transistors (FETs) with the source of the upper FET
connected to the drain of the lower FET. The fundamental cell
is then duplicated several times with an RFIN transmission line
interconnecting the gates of the lower FETs and an RFOUT
transmission line interconnecting the drains of the upper FETs.
ACG2
RFOUT/
VDD
ACG1
ACG3
VGG1
RFIN
Figure 61. Simplified Schematic of the Cascode Distributed Amplifier
Additional circuit design techniques are used around each cell
to optimize the overall bandwidth, output power, and noise
figure. The major benefit of this architecture is that a high
output level is maintained across a bandwidth far greater than a
single instance of the fundamental cell provides. A simplified
schematic of this architecture is shown in Figure 61.
For simplified biasing without the need for a negative voltage
rail, VGG1 can be connected directly to GND. With VDD = 12 V
and VGG1 grounded, a quiescent drain current of 385 mA (typical)
results. An externally generated VGG1 can optionally be applied,
allowing adjustment of the quiescent drain current above and
below the 385 mA nominal. As an example, Figure 52 shows that,
by adjusting VGG1 from approximately −0.3 V to +0.3 V, quiescent
drain currents from 250 mA to 450 mA can be obtained.
The ADPA9002 has single-ended input and output ports whose
impedances are nominally equal to 50 Ω over the dc to 10 GHz
frequency range. Consequently, the ADPA9002 can be directly
inserted into a 50 Ω system with no required impedance
matching circuitry. Similarly, the input and output impedances
are sufficiently stable across variations in temperature and
supply voltage so that no impedance matching compensation is
required. The RF output port additionally functions as the VDD
bias, requiring an RF choke through which dc bias is applied.
Though the device operates down to dc, blocking capacitors are
recommended at the RF input and output ports to prevent
damages on the RF stages when loading the dc bias supplies. The
RF choke and blocking capacitor at the RF output together
constitute a bias tee. In practice, the external RF choke and dc
blocking capacitor selections limit the lowest frequency of
operation.
ACG1 through ACG3 are nodes at which ac terminations
(capacitors) to ground can be provided. The use of such
terminations serves to roll off the gain at frequencies below
200 MHz, allowing the flattest possible gain response to be
obtained over various frequencies.
It is critical to supply low inductance ground connections to the
GND pins and to the package base exposed pad to ensure stable
operation. To achieve optimal performance from the ADPA9002
and to prevent damage to the device, do not exceed the absolute
maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com