Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9002ACGZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA9002ACGZN-R7
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA9002ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 14Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 15Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 16Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 17Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 18Page - Analog Devices ADPA9002ACGZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ADPA9002
Data Sheet
Rev. 0 | Page 16 of 19
CONSTANT IDD OPERATION
Biased with the HMC980LP4E active bias controller for constant IDD operation. TA = 25°C, VDD = 12 V, and IDQ = 400 mA for nominal
operation, unless otherwise noted.
32
20
22
24
26
28
30
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 55. OP1dB vs. Frequency for Various Temperatures, VDD = 12 V,
Constant IDD = 400 mA
10
32
20
22
24
26
28
30
0
1
2
3
4
5
6
7
8
9
FREQUENCY (GHz)
300mA
400mA
500mA
Figure 56. OP1dB vs. Frequency for Various Constant IDD, VDD = 12 V
34
20
22
24
26
28
30
32
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
10V
12V
15V
Figure 57. PSAT vs. Frequency for Various Supply Voltages,
Constant IDD = 400 mA
32
20
22
24
26
28
30
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
10V
12V
15V
Figure 58. OP1dB vs. Frequency for Various Supply Voltages,
Constant IDD = 400 mA
34
20
22
24
26
28
30
32
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 59. PSAT vs. Frequency for Various Temperatures, VDD = 12 V,
Constant IDD = 400 mA
34
20
22
24
26
28
30
32
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
300mA
400mA
500mA
Figure 60. PSAT vs. Frequency for Various Constant IDD, VDD = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com