Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1561B Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1561B
Description  60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1561B Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1561B Datasheet HTML 1Page - IXYS Corporation CPC1561B Datasheet HTML 2Page - IXYS Corporation CPC1561B Datasheet HTML 3Page - IXYS Corporation CPC1561B Datasheet HTML 4Page - IXYS Corporation CPC1561B Datasheet HTML 5Page - IXYS Corporation CPC1561B Datasheet HTML 6Page - IXYS Corporation CPC1561B Datasheet HTML 7Page - IXYS Corporation CPC1561B Datasheet HTML 8Page - IXYS Corporation CPC1561B Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1561B
R01
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1 Derate input linearly by 1.33 mW/°C above 60°C.
2 Derate output linearly by 10 mW/°C above 60°C.
3 The sum of the input and output power dissipation values must not exceed the package total power dissipation rating.
Absolute maximum electrical ratings are at 25°C,
unless otherwise specified.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1 - N/C
8 - N/C
2 - N/C
3 - LED+
4 - LED+
5 - LED-
6 - LED-
7 - N/C
16 - A
9 - B
15 - A
14 - COM
13 - COM
12 - COM
11 - COM
10 - B
Pin #
Symbol
Description
1, 2
-
Not connected
3, 4
LED+
Positive input to LED (internally connected)
5, 6
LED-
Negative input to LED (internally connected)
7, 8
-
Not connected
9, 10
B
Switch terminal B (AC/DC)
11, 12,
13, 14
COM
For thermal dissipation to PCB, not for
current carrying (internally connected)
15, 16
A
Switch terminal A (AC/DC)
Parameter
Symbol
Rating
Unit
Blocking Voltage
VDRM
60
VP
Reverse Input Voltage
VR
5V
Input Control Current, Continuous
IF
20
mA
Peak (10ms)
1
A
Input Power Dissipation 1 (T< 60°C)
PIN
50
mW
Output Power Dissipation 2 (T< 60°C)
POUT
1.25
W
Total Power Dissipation 3 (T< 60°C)
PT
1.3
W
ESD, Human Body Model
-
3
kV
Isolation Voltage (Input to Output)
VISO
3750
Vrms
Operating Temperature
TA
-40 to +85
°C
Storage Temperature
-
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com