Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1561B Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC1561B
Description  60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1561B Datasheet(HTML) 7 Page - IXYS Corporation

  CPC1561B Datasheet HTML 1Page - IXYS Corporation CPC1561B Datasheet HTML 2Page - IXYS Corporation CPC1561B Datasheet HTML 3Page - IXYS Corporation CPC1561B Datasheet HTML 4Page - IXYS Corporation CPC1561B Datasheet HTML 5Page - IXYS Corporation CPC1561B Datasheet HTML 6Page - IXYS Corporation CPC1561B Datasheet HTML 7Page - IXYS Corporation CPC1561B Datasheet HTML 8Page - IXYS Corporation CPC1561B Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1561B
R01
www.ixysic.com
7
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
Temperature (ºC)
-50
-25
0
25
50
75
100
50
60
70
80
90
100
110
120
130
140
150
Normalized Current Limit
vs. Temperature
(I
F=5mA, VL=±4V)
Load Voltage (V
DC)
0
5
10
15
20
0
50
100
150
200
250
300
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Temperature (ºC)
-50
-25
0
25
50
75
100
-3
-2
-1
0
1
2
3
Current Limit vs. Temperature
(I
F=5mA)
V
L=VAB=+4V
V
L=VAB=-4V
Temperature (ºC)
-50
-25
0
25
50
75
100
100pA
1nA
10nA
100nA
1
PA
10
PA
Typical Switch Leakage vs. Temperature
Measured Across Pins 9 & 16
(V
L=60VDC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com