Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1561B Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC1561B
Description  60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1561B Datasheet(HTML) 5 Page - IXYS Corporation

  CPC1561B Datasheet HTML 1Page - IXYS Corporation CPC1561B Datasheet HTML 2Page - IXYS Corporation CPC1561B Datasheet HTML 3Page - IXYS Corporation CPC1561B Datasheet HTML 4Page - IXYS Corporation CPC1561B Datasheet HTML 5Page - IXYS Corporation CPC1561B Datasheet HTML 6Page - IXYS Corporation CPC1561B Datasheet HTML 7Page - IXYS Corporation CPC1561B Datasheet HTML 8Page - IXYS Corporation CPC1561B Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1561B
R01
www.ixysic.com
5
2. Performance Data
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
Load Current Limit (A)
-2.25
-2.20
-2.15
-2.10
-2.05
-2.00
-1.95
10
15
20
Typical Negative Current Limit
(N=50, I
F=5mA, VL=VAB=-4V)
0
5
Load Current (A)
1.95
2.00
2.05
2.10
2.15
2.20
2.25
0
5
10
15
20
25
30
Typical Positive Current Limit
(N=50, I
F=5mA, VL=VAB=+4V)
Turn-Off Time (ms)
0.00
0.03
0.06
0.09
0
5
10
15
20
25
30
35
40
45
50
55
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
Turn-On Time (ms)
1.08 1.20 1.32 1.44 1.56 1.68 1.80 1.92 2.04
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
On-Resistance (m
:)
190
191
192
193
194
195
0
5
10
15
20
25
30
Typical On-Resistance
(N=50, I
F=5mA, IL=100mA)
LED Current (mA)
0.150 0.225 0.300 0.375 0.450 0.525 0.600
0
5
10
15
20
25
Typical I
F for Switch Dropout
(N=50, I
L=1PA)
LED Current (mA)
0.35 0.45 0.55 0.65 0.75 0.85 0.95 1.05 1.15
0
5
10
15
Typical I
F for Switch Activation
(N=50, I
F=5mA)
Forward Voltage Drop (V)
1.2025 1.2100 1.2175 1.2250 1.2325 1.2400 1.2475
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com