Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1561B Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1561B
Description  60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1561B Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1561B Datasheet HTML 1Page - IXYS Corporation CPC1561B Datasheet HTML 2Page - IXYS Corporation CPC1561B Datasheet HTML 3Page - IXYS Corporation CPC1561B Datasheet HTML 4Page - IXYS Corporation CPC1561B Datasheet HTML 5Page - IXYS Corporation CPC1561B Datasheet HTML 6Page - IXYS Corporation CPC1561B Datasheet HTML 7Page - IXYS Corporation CPC1561B Datasheet HTML 8Page - IXYS Corporation CPC1561B Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1561B-R01
www.ixysic.com
1
Features
• 1A
DC/Arms to 60°C
• 60V blocking voltage
• Highly robust switching relay
Integrated active current-limit protection
Thermal shutdown
• Auto-recovery following fault removal
• Low input control current: 2.5mA
• Linear AC or DC operation
• Low power consumption
• Clean, bounce-free switching
• Low power drive requirements
• Flammability rating UL 94 V-0
Applications
• 16-24V AC Systems
• Security Systems
• Residence and Building Controls
• Gaming
• Instrumentation
• Battery Powered Systems
Approvals
• UL 1577 Recognized Component: File Pending
Description
CPC1561B is a single-pole, normally open (1-Form-A)
optically isolated Solid State Relay with integrated
current limit and thermal shutdown features. The
current limit remains flat over the operating
temperature range. Perfect for replacing
electromechanical relays while enhancing the
robustness of applications. The CPC1561B can switch
1ADC or 1Arms loads up to 60°C.
The relay is constructed using an efficient LED and a
photodiode array die for actuation control and an
integrated monolithic die for the switch output. The
protected switch die, fabricated in a high voltage
dielectrically isolated technology, comprises switch
control, active current limiting, and thermal shutdown
circuitry with the MOSFET switches.
CPC1561B incorporates thermal shutdown circuitry
for improved survivability in harsh environments, and
is designed to pass regulatory voltage surge
requirements when provided with appropriate
over-voltage protection circuitry.
Designed specifically for environmentally demanding
AC or DC applications the CPC1561B is an ideal
solution.
Ordering Information
Block Diagram
Parameter
Rating
Units
Blocking Voltage
60
VP
Load Current (TA < 60°C)
1
ADC/Arms
Input Control Current
2.5
mA
On-Resistance (max)
245
m
Part
Description
CPC1561B
16-Pin SOIC, Surface Mount in tubes (50/Tube)
CPC1561BTR
16-Pin SOIC, Surface Mount in Tape & Reel
(1000/Reel)
A
Current
Limit
Control
LED+
LED-
B
Gate
Driver
Thermal
Shutdown
COM
CPC1561B
60V, 1A, Single Pole, Normally Open,
Current Limiting Relay with Thermal Shutdown


Similar Part No. - CPC1561B

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1560 CLARE-CPC1560 Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
logo
Littelfuse
CPC1560 LITTELFUSE-CPC1560 Datasheet
328Kb / 15P
60V, 300mA, High Speed Normally Open Relay
11/18/2025
logo
Clare, Inc.
CPC1560G CLARE-CPC1560G Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
logo
Littelfuse
CPC1560G LITTELFUSE-CPC1560G Datasheet
328Kb / 15P
60V, 300mA, High Speed Normally Open Relay
11/18/2025
logo
Clare, Inc.
CPC1560GS CLARE-CPC1560GS Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
More results

Similar Description - CPC1561B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
CPC1593 IXYS-CPC1593 Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1540 IXYS-CPC1540 Datasheet
118Kb / 6P
Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1510 IXYS-CPC1510 Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
CPC1511 IXYS-CPC1511 Datasheet
147Kb / 7P
Single-Pole, Normally Open Relay with Thermal Shutdown & Current Limiting
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1563 IXYS-CPC1563 Datasheet
135Kb / 8P
Single-Pole, Normally Open OptoMOS Relay Integrated Current Limit with Voltage and Thermal Protection
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com