Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1561B Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1561B
Description  60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1561B Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1561B Datasheet HTML 1Page - IXYS Corporation CPC1561B Datasheet HTML 2Page - IXYS Corporation CPC1561B Datasheet HTML 3Page - IXYS Corporation CPC1561B Datasheet HTML 4Page - IXYS Corporation CPC1561B Datasheet HTML 5Page - IXYS Corporation CPC1561B Datasheet HTML 6Page - IXYS Corporation CPC1561B Datasheet HTML 7Page - IXYS Corporation CPC1561B Datasheet HTML 8Page - IXYS Corporation CPC1561B Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R01
CPC1561B
1.4 Electrical Characteristics
Unless otherwise specified, minimum and maximum values are guaranteed by production testing at 25°C only.
Typical values are characteristic of the device at 25°C and are the result of engineering evaluations. They are
provided for informational purposes only and are not part of the manufacturing testing requirements.
1 For applications requiring operation at high temperature (greater than 60°C) derate the load current by 12mA/°C.
2 Measurement taken within 1 second of on time.
3 For applications requiring operation at high temperature (greater than 60°C) or in noisy environments a minimum LED drive current of 5mA is recommended.
1.5 Thermal Characteristics
1.6 Timing Diagram
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Blocking Voltage
IF=0mA or VF=0V, IL=1AVDRM
60
-
-
VP
Load Current, Continuous 1
TA < 60°C
IL
--
1
A
Current Limit
IF=5mA, VL=±4V, t=2ms
ILMT
1.56
2.1
3
A
On-Resistance 2
IF=5mA, IL=100mA
RON
-
193
245
m
Off-State Leakage Current
VL=60V
ILEAK
--
1
A
Switching Speeds
Turn-On
IF=5mA, IL=100mA, VL=10V
ton
-
1.2
2.5
ms
Turn-Off
toff
0.06
0.5
Output Capacitance
IF=0mA, VL=1VDC , f=1MHz
CO
-
170
-
pF
Input Characteristics
Input Control Current to Activate 3
IL=100mA
IF
-
0.65
2.5
mA
Input Voltage to Deactivate
IL=1AVF
0.8
-
-
V
Reverse Input Current
VF=-5V
IR
--
10
A
LED Forward Voltage
IF=5mA
VF
0.91.221.5
V
Common Characteristics
Input to Output Capacitance
VIO=0VDC, f=1MHz
CIO
-1-
pF
Thermal Characteristics
Thermal Impedance, Junction to Ambient
-
JA
-
100
-
°C/W
Thermal Shutdown
-
TSD
-
128
-
°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Characteristics
Thermal Impedance, Junction to Ambient
Based on use of the land pattern shown in
Section 3.5.1
JA
-
100
-
°C/W
Thermal Shutdown
-
TSD
-
128
-
°C
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com