Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5998
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5998 Datasheet HTML 2Page - Renesas Technology Corp 2SC5998 Datasheet HTML 3Page - Renesas Technology Corp 2SC5998 Datasheet HTML 4Page - Renesas Technology Corp 2SC5998 Datasheet HTML 5Page - Renesas Technology Corp 2SC5998 Datasheet HTML 6Page - Renesas Technology Corp 2SC5998 Datasheet HTML 7Page - Renesas Technology Corp 2SC5998 Datasheet HTML 8Page - Renesas Technology Corp 2SC5998 Datasheet HTML 9Page - Renesas Technology Corp 2SC5998 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 6 of 10
S parameter
(VCE = 3.6 V, IC = 20 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.643
-108.1
31.06
121.7
0.0292
48.9
0.630
-81.4
200
0.635
-143.5
18.05
101.3
0.0371
41.8
0.469
-115.8
300
0.641
-158.8
12.26
91.2
0.0437
45.4
0.423
-134.7
400
0.645
-168.0
9.17
84.4
0.0500
48.0
0.409
-147.1
500
0.651
-174.7
7.24
79.3
0.0560
49.6
0.404
-155.7
600
0.657
-180.0
5.96
75.0
0.0641
51.3
0.407
-162.6
700
0.662
175.5
5.05
71.2
0.0716
52.4
0.410
-168.4
800
0.667
171.4
4.37
67.9
0.0795
52.6
0.415
-173.4
900
0.672
167.7
3.85
64.8
0.0874
53.2
0.420
-177.7
1000
0.677
164.2
3.43
61.9
0.0949
52.3
0.426
178.2
1100
0.682
161.1
3.10
59.1
0.1024
52.0
0.431
174.7
1200
0.686
158.0
2.83
56.4
0.1100
51.0
0.436
171.2
1300
0.690
155.1
2.60
53.7
0.1176
50.3
0.442
168.1
1400
0.696
152.2
2.41
51.2
0.1251
49.2
0.448
165.1
1500
0.701
149.6
2.24
48.6
0.1322
48.1
0.455
162.2
1600
0.706
147.0
2.09
46.1
0.1391
47.2
0.462
159.6
1700
0.711
144.5
1.97
43.8
0.1457
45.9
0.469
157.1
1800
0.716
142.1
1.85
41.4
0.1527
44.7
0.476
154.7
1900
0.721
139.7
1.75
39.0
0.1592
43.4
0.483
152.4
2000
0.725
137.4
1.66
36.7
0.1653
41.9
0.489
150.1
2100
0.731
135.2
1.58
34.5
0.1714
40.6
0.496
148.0
2200
0.736
133.0
1.51
32.2
0.1771
39.4
0.504
145.9
2300
0.741
130.9
1.44
30.0
0.1831
38.0
0.511
144.0
2400
0.745
128.9
1.38
27.8
0.1884
36.5
0.519
141.9
2500
0.750
126.9
1.33
25.7
0.1940
35.1
0.526
140.0
2600
0.756
125.0
1.28
23.6
0.1995
34.0
0.534
138.1
2700
0.760
123.0
1.23
21.5
0.2043
32.5
0.540
136.3
2800
0.764
121.1
1.18
19.5
0.2083
31.2
0.548
134.5
2900
0.768
119.3
1.14
17.5
0.2130
29.7
0.555
132.8
3000
0.773
117.6
1.11
15.6
0.2172
28.2
0.562
131.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com