Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5998
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5998 Datasheet HTML 3Page - Renesas Technology Corp 2SC5998 Datasheet HTML 4Page - Renesas Technology Corp 2SC5998 Datasheet HTML 5Page - Renesas Technology Corp 2SC5998 Datasheet HTML 6Page - Renesas Technology Corp 2SC5998 Datasheet HTML 7Page - Renesas Technology Corp 2SC5998 Datasheet HTML 8Page - Renesas Technology Corp 2SC5998 Datasheet HTML 9Page - Renesas Technology Corp 2SC5998 Datasheet HTML 10Page - Renesas Technology Corp 2SC5998 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 9 of 10
S parameter
(VCE = 3.6 V, IC = 200 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.607
-166.7
39.88
103.2
0.0111
80.5
0.492
-131.3
200
0.631
-176.2
20.31
90.5
0.0231
72.6
0.471
-155.0
300
0.646
178.9
13.30
84.3
0.0332
72.3
0.474
-165.6
400
0.654
175.0
9.81
80.0
0.0443
72.9
0.482
-172.3
500
0.660
171.4
7.72
76.6
0.0536
72.5
0.488
-177.5
600
0.664
168.2
6.35
73.7
0.0633
70.8
0.493
178.3
700
0.668
165.1
5.40
70.9
0.0737
69.1
0.499
174.6
800
0.672
162.2
4.70
68.4
0.0836
67.3
0.504
171.2
900
0.676
159.4
4.15
65.9
0.0934
65.5
0.508
168.2
1000
0.680
156.7
3.72
63.5
0.1022
63.6
0.514
165.2
1100
0.684
154.2
3.37
61.1
0.1111
61.8
0.518
162.5
1200
0.687
151.6
3.09
58.6
0.1201
60.1
0.522
159.9
1300
0.691
149.2
2.84
56.3
0.1292
58.2
0.527
157.5
1400
0.695
146.7
2.64
53.9
0.1372
56.2
0.532
155.1
1500
0.700
144.4
2.46
51.6
0.1452
54.4
0.539
152.8
1600
0.704
142.1
2.30
49.3
0.1529
52.7
0.544
150.5
1700
0.708
139.9
2.17
47.0
0.1599
50.9
0.549
148.3
1800
0.713
137.7
2.05
44.8
0.1679
49.1
0.555
146.2
1900
0.718
135.5
1.94
42.6
0.1748
47.4
0.561
144.2
2000
0.722
133.5
1.84
40.4
0.1815
45.4
0.567
142.3
2100
0.728
131.4
1.75
38.3
0.1880
43.8
0.573
140.3
2200
0.732
129.4
1.67
36.1
0.1941
42.0
0.580
138.4
2300
0.736
127.5
1.60
34.1
0.2001
40.3
0.586
136.6
2400
0.740
125.6
1.53
31.9
0.2059
38.6
0.592
134.7
2500
0.745
123.7
1.47
29.9
0.2117
37.0
0.598
132.9
2600
0.750
121.9
1.42
27.9
0.2166
35.4
0.605
131.2
2700
0.755
120.1
1.36
26.0
0.2217
33.7
0.609
129.4
2800
0.758
118.3
1.32
24.0
0.2262
32.1
0.616
127.8
2900
0.762
116.5
1.27
22.2
0.2314
30.5
0.622
126.1
3000
0.767
114.9
1.23
20.3
0.2348
28.9
0.628
124.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com