Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5998
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5998 Datasheet HTML 1Page - Renesas Technology Corp 2SC5998 Datasheet HTML 2Page - Renesas Technology Corp 2SC5998 Datasheet HTML 3Page - Renesas Technology Corp 2SC5998 Datasheet HTML 4Page - Renesas Technology Corp 2SC5998 Datasheet HTML 5Page - Renesas Technology Corp 2SC5998 Datasheet HTML 6Page - Renesas Technology Corp 2SC5998 Datasheet HTML 7Page - Renesas Technology Corp 2SC5998 Datasheet HTML 8Page - Renesas Technology Corp 2SC5998 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.1.01, Jan 27, 2006, page 1 of 10
2SC5998
Silicon NPN Epitaxial
High Frequency Medium Power Amplifier
REJ03G0169-0101
Rev.1.01
Jan 27, 2006
Features
• High Transition Frequency
fT = 11 GHz typ.
• High gain and Excellent Efficiency
Maximum Available Gain (MAG) = +22 dB typ. at VCE = 3.6 V, IC = 100 mA, f = 500 MHz
Power Added Efficiency (PAE) = 70% typ. at Pin = +16 dBm, f = 500 MHz
• High Collector to Emitter Voltage
VCEO = 5 V
• Ideal for up to 2 GHz applications.
e.g.FRS(Family Radio Service) Power Amplifier ,
GMRS (General Mobile Radio Service) Driver Amplifier
Outline
1
2
3
1. Collector
2. Base
3. Emitter
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
Note:
Marking is “YC-”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
13
V
Collector to emitter voltage
VCEO
5
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
500
mA
Collector power dissipation
Pc
700
note
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
Value on PCB ( FR-4 : 25 x 30 x 1.0mm Double side )


Similar Part No. - 2SC5998

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5990 SANYO-2SC5990 Datasheet
37Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC5991 SANYO-2SC5991 Datasheet
53Kb / 4P
DC / DC Converter Applications
logo
Panasonic Semiconductor
2SC5993 PANASONIC-2SC5993 Datasheet
73Kb / 3P
For power amplification For TV VM circuit
logo
Inchange Semiconductor ...
2SC5993 ISC-2SC5993 Datasheet
247Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC5993 NJSEMI-2SC5993 Datasheet
125Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5998

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Hitachi Semiconductor
2SC5390 HITACHI-2SC5390 Datasheet
30Kb / 6P
Silicon NPN Epitaxial High Frequency Amplifier
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC3652 HITACHI-2SC3652 Datasheet
342Kb / 3P
SILICON NPN EPITAXIAL HIGH FREQUENCY AMPLIFIER
2SC5702 HITACHI-2SC5702 Datasheet
109Kb / 16P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
Renesas Technology Corp
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5945 RENESAS-2SC5945 Datasheet
274Kb / 36P
Si NPN Epitaxial High Frequency Medium Power Amplifier
HSG2001 RENESAS-HSG2001 Datasheet
253Kb / 25P
SiGe NPN Epitaxial High Frequency Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com