Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5998
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5998 Datasheet HTML 3Page - Renesas Technology Corp 2SC5998 Datasheet HTML 4Page - Renesas Technology Corp 2SC5998 Datasheet HTML 5Page - Renesas Technology Corp 2SC5998 Datasheet HTML 6Page - Renesas Technology Corp 2SC5998 Datasheet HTML 7Page - Renesas Technology Corp 2SC5998 Datasheet HTML 8Page - Renesas Technology Corp 2SC5998 Datasheet HTML 9Page - Renesas Technology Corp 2SC5998 Datasheet HTML 10Page - Renesas Technology Corp 2SC5998 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 10 of 10
Package Dimensions
D
e
A
AA
b
xS
A
M
E
HE
A
A2
A1
S
b
A-A Section
b1
c1
c
Qc
L
L1
LP
A3
Pattern of terminal position areas
I1
b2
e
e1
A
A1
A2
A3
b
b1
c
c1
D
E
e
HE
L
L1
LP
x
b2
e1
I1
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.42
0.4
0.13
0.11
1.5
0.95
2.8
1.95
0.3
1.3
0.1
1.2
0.5
0.15
3.1
1.65
3.0
0.75
0.55
0.65
0.05
0.55
1.05
SC-59A
PLSP0003ZB-A
MPAK(T) / MPAK(T)V
0.011g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MPAK
Ordering Information
Part Name
Quantity
Shipping Container
2SC5998YC-TL-E
3000 pcs.
φ178 mm Reel, 8 mm Emboss taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com