Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5998 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5998
Description  Silicon NPN Epitaxial High Frequency Medium Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5998 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5998 Datasheet HTML 3Page - Renesas Technology Corp 2SC5998 Datasheet HTML 4Page - Renesas Technology Corp 2SC5998 Datasheet HTML 5Page - Renesas Technology Corp 2SC5998 Datasheet HTML 6Page - Renesas Technology Corp 2SC5998 Datasheet HTML 7Page - Renesas Technology Corp 2SC5998 Datasheet HTML 8Page - Renesas Technology Corp 2SC5998 Datasheet HTML 9Page - Renesas Technology Corp 2SC5998 Datasheet HTML 10Page - Renesas Technology Corp 2SC5998 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2SC5998
Rev.1.01, Jan 27, 2006, page 7 of 10
S parameter
(VCE = 3.6 V, IC = 50 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.586
-142.9
38.37
109.9
0.0190
53.1
0.525
-110.1
200
0.616
-163.8
20.35
94.5
0.0276
57.6
0.450
-140.8
300
0.629
-172.9
13.52
86.7
0.0355
61.5
0.441
-154.9
400
0.638
-178.7
10.03
81.3
0.0448
62.6
0.445
-163.4
500
0.645
176.8
7.89
77.1
0.0532
63.9
0.449
-169.9
600
0.650
172.8
6.48
73.6
0.0628
63.6
0.457
-174.8
700
0.656
169.3
5.48
70.4
0.0717
63.0
0.463
-179.2
800
0.661
165.9
4.75
67.5
0.0808
62.2
0.469
176.8
900
0.665
162.8
4.18
64.8
0.0904
61.7
0.475
173.5
1000
0.670
159.8
3.73
62.2
0.0989
59.9
0.481
170.0
1100
0.674
157.0
3.38
59.7
0.1075
58.4
0.487
167.0
1200
0.678
154.2
3.08
57.2
0.1162
56.9
0.492
164.1
1300
0.683
151.7
2.83
54.8
0.1247
55.5
0.498
161.4
1400
0.688
149.1
2.62
52.4
0.1326
53.9
0.504
158.7
1500
0.693
146.6
2.44
50.0
0.1403
52.4
0.510
156.2
1600
0.697
144.2
2.28
47.7
0.1478
50.9
0.516
153.8
1700
0.702
141.9
2.14
45.5
0.1550
49.2
0.523
151.5
1800
0.707
139.6
2.02
43.2
0.1625
47.5
0.529
149.3
1900
0.712
137.4
1.91
41.0
0.1690
46.0
0.535
147.2
2000
0.716
135.2
1.81
38.8
0.1756
44.3
0.541
145.1
2100
0.722
133.1
1.73
36.7
0.1819
42.5
0.548
143.0
2200
0.727
131.1
1.65
34.5
0.1879
41.1
0.555
141.1
2300
0.731
129.1
1.57
32.5
0.1941
39.4
0.561
139.2
2400
0.736
127.1
1.51
30.3
0.1994
37.7
0.567
137.3
2500
0.741
125.2
1.45
28.3
0.2054
36.3
0.574
135.3
2600
0.746
123.4
1.39
26.3
0.2108
34.7
0.580
133.6
2700
0.751
121.5
1.34
24.3
0.2152
33.2
0.586
131.8
2800
0.754
119.7
1.29
22.3
0.2200
31.6
0.593
130.2
2900
0.758
117.9
1.25
20.5
0.2244
30.2
0.600
128.5
3000
0.763
116.3
1.21
18.6
0.2286
28.5
0.606
126.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com