Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7007AEHZ-R7
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADPA7007AEHZ-R7 Datasheet HTML 1Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 2Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 3Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 4Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 5Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 6Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 7Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 8Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 5 of 23
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Drain Bias Voltage (VDDx)
6.0 V
Gate Bias Voltage (VGGx)
−1.6 V to 0 V
Radio Frequency Input Power (RFIN)
27 dBm
Continuous Power Dissipation (PDISS),
T = 85°C (Derate 137 mW/°C
Above 85°C)
12.33 W
Storage Temperature Range
−55°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature to Maintain
1,000,000 Hour Mean Time to Failure
(MTTF)
175°C
Nominal Junction Temperature
(T = 85°C, VDD = 5 V, IDQ = 1400 mA)
136.1°C
Peak Reflow Temperature1
260°C
Moisture Sensitivity Level
MSL3
1
See the Ordering Guide for additional information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to system design and
operating environment. Careful attention to the printed circuit
board (PCB) thermal design is required.
θJC is the channel to case thermal resistance, channel to bottom
of die using die attach epoxy.
Table 5. Thermal Resistance
Package Type
θJC
Unit
EH-18-11
7.3
°C/W
1
θJC is determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel, through the
ground pad, to the PCB. The ground pad is held constant at the operating
temperature of 85°C.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA7007
Table 6. ADPA7007, 18-Terminal LCC_HS
ESD Model
Withstand Threshold (V)
Class
HBM
250
1A
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com