Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA7007AEHZ-R7
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA7007AEHZ-R7 Datasheet HTML 6Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 7Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 8Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 9Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 10Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 11Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 10 of 23
36
10
12
14
18
22
30
16
20
26
34
28
24
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 22. Output P1dB vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 1400 mA
36
10
12
14
18
22
30
16
20
26
34
28
24
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
1000mA
1200mA
1400mA
1500mA
1600mA
1800mA
Figure 23. Output P1dB vs. Frequency for Various IDQ, VDD = 5 V
36
10
12
14
18
22
30
16
20
26
34
28
24
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 24. PSAT vs. Frequency for Various VDD, IDQ = 1400 mA
36
10
12
14
18
22
30
16
20
26
34
28
24
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 25. Output P1dB vs. Frequency for Various VDD, IDQ = 1400 mA
36
10
12
14
18
22
30
16
20
26
34
28
24
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 26. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1400 mA
36
10
12
14
18
22
30
16
20
26
34
28
24
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
1000mA
1200mA
1400mA
1500mA
1600mA
1800mA
Figure 27. PSAT vs. Frequency for Various IDQ, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com