Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPA7007AEHZ-R7
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPA7007AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 19Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 20Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 21Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 22Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADPA7007
Data Sheet
Rev. 0 | Page 22 of 23
2200
1000
1200
1600
2000
1400
1800
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
Figure 60. Drain Current vs. Input Power, VDD = 5 V, Frequency = 32 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 1800 mA) and Constant Gate
Voltage Bias (VGGx ≈ −0.68 V)
34
2
6
14
30
10
22
26
18
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
Figure 61. Output Power vs. Input Power, VDD = 5 V, Frequency = 32 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 1800 mA) and Constant Gate
Voltage Bias (VGGx ≈ −0.68 V)
18
0
2
8
16
6
4
12
14
10
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
Figure 62. PAE vs. Input Power, VDD = 5 V, Frequency = 32 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 1800 mA) and Constant Gate
Voltage Bias (VGGx ≈ −0.68 V)
34
10
12
20
28
16
24
14
22
30
18
26
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
Figure 63. Output P1dB vs. Frequency, VDD = 5 V, Constant Drain Current Bias
(IDRAIN Setpoint = 1800 mA) and Constant Gate Voltage Bias
(VGGx ≈ −0.68 V))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com