Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7007AEHZ-R7
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7007AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 19Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 20Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 21Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 22Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 19 of 23
HMC980LP4E
24 23
22
21
20
19
4
3
2
1
7
8
9
10
11
12
R10
165Ω
R13
4.7kΩ
R11
301Ω
R12
301Ω
R14
10kΩ
1
VDRAIN
VDRAIN
VGATE
VNEG
VG2
VG2_CONT
2
3
4
5
6
18
17
16
15
14
13
C2
10nF
C3
100pF
C21
4.7µF
C22
1000pF
C23
100pF
C27
4.7µF
C28
1000pF
C29
100pF
C33
4.7µF
C34
1000pF
C35
100pF
C15
4.7µF
C16
1000pF
C17
100pF
C18
100pF
C19
1000pF
C20
4.7µF
C24
100pF
C25
1000pF
C26
4.7µF
C30
100pF
C31
1000pF
C32
4.7µF
C36
100pF
C37
1000pF
C38
4.7µF
C4
4.7µF
C5
10nF
C1
4.7µF
RFIN
RFOUT
C6
1µF
C7
10µF
D1 DUAL
SCHOTTKY
VDD
5.765V
VDIG
3.3V TO 5.0V
R15
732kΩ
R16
475kΩ
VDRAIN = 5V
IDRAIN = 1.8A
ADPA7007
5
6
7
8
9
18
17
16
15
14
10
11
12
13
VDD
VDD
S0
S1
EN
EN
ALM
HMC980LP4E
24 23
22
21
20
19
7
8
9
10
11
12
R19
4.7kΩ
R17
301Ω
R18
301Ω
R20
10kΩ
1
VDRAIN
VDRAIN
VGATE
VNEG
VG2
VG2_CONT
2
3
4
5
6
18
17
16
15
14
13
C9
10nF
C10
100pF
C11
4.7µF
C12
10nF
C8
4.7µF
VDD
5.765V
VDIG
3.3V TO 5.0V
VDD
VDD
S0
S1
EN
EN
ALM
Figure 56. Application Circuit Using Dual HMC980LP4E with ADPA7007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com