Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7007AEHZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA7007AEHZ-R7
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA7007AEHZ-R7 Datasheet HTML 11Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 14Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7007AEHZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 15 of 23
CONSTANT IDD OPERATION
Biased with HMC980LP4E active bias controller (see Figure 56), TA = 25°C, VDD = 5 V, and IDD = 1800 mA for nominal operation, unless
otherwise noted. Data measured with constant IDD.
34
10
12
20
28
16
24
14
22
30
18
26
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 50. Output P1dB vs. Frequency for Various Temperatures
34
10
12
20
28
16
24
14
22
30
18
26
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 51. PSAT vs. Frequency for Various Temperatures
34
10
12
20
28
16
24
14
22
30
18
26
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
1200mA
1400mA
1600mA
1800mA
2000mA
Figure 52. Output P1dB vs. Frequency for Various Drain Currents
34
10
12
20
28
16
24
14
22
30
18
26
32
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
1200mA
1400mA
1600mA
1800mA
2000mA
Figure 53. PSAT vs. Frequency for Various Drain Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com