Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2338 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC2338
Description  Non-isolated Buck APFC LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2338 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC2338 Datasheet HTML 1Page - First Silicon Co., Ltd FC2338 Datasheet HTML 2Page - First Silicon Co., Ltd FC2338 Datasheet HTML 3Page - First Silicon Co., Ltd FC2338 Datasheet HTML 4Page - First Silicon Co., Ltd FC2338 Datasheet HTML 5Page - First Silicon Co., Ltd FC2338 Datasheet HTML 6Page - First Silicon Co., Ltd FC2338 Datasheet HTML 7Page - First Silicon Co., Ltd FC2338 Datasheet HTML 8Page - First Silicon Co., Ltd FC2338 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Absolute Maximum Ratings (note1)
Symbol
Parameters
Range
Units
VDS
Internal HV MOSFET Drain to Source voltage
-0.3~600
V
ICC_MAX
VCC pin maximum sink current
20
mA
COMP
Compensation pin voltage
-0.3~6
V
FB
Feedback Voltage detection Pin
-0.3~6
V
CS
Current sense pin
-0.3~6
V
PDMAX
Power dissipation (note2)
0.45
W
θJA
Thermal resistance (Junction to Ambient)
145
℃
/W
TJ
Operating junction temperature
-40 to 150
℃
TSTG
Storage temperature range
-55 to 150
℃
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Under “recommended operating
conditions” the device operation is assured, but some particular parameter may not be achieved. The electrical characteristics table defines the operation
range of the device, the electrical characteristics is assured on DC and AC voltage by test program. For the parameters without minimum and maximum value
in the EC table, the typical value defines the operation range, the a ccuracy is not guaranteed by spec.
Note 2: The maximum power dissipation decrease if temperature rise, it is decided by TJMAX, θJA and environment temperature (TA). The maximum power
dissipation is the lower one between PDMAX= (TJMAX- TA)/ θJAand the number listed in the maximum table.
Recommended Operation Conditions
Symbol
Parameter
Range
Unit
I LED 1
Output LED current @
Vout=72V
Input voltage 90Vac
< 220
mA
Input voltage 176Vac
< 250
mA
I LED 2
Output LED current @
Vout=36V
Input voltage 90Vac
< 320
mA
Input voltage 176Vac
< 360
mA
FC2338
2019. 10. 02
4/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com