Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2338 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC2338
Description  Non-isolated Buck APFC LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2338 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC2338 Datasheet HTML 1Page - First Silicon Co., Ltd FC2338 Datasheet HTML 2Page - First Silicon Co., Ltd FC2338 Datasheet HTML 3Page - First Silicon Co., Ltd FC2338 Datasheet HTML 4Page - First Silicon Co., Ltd FC2338 Datasheet HTML 5Page - First Silicon Co., Ltd FC2338 Datasheet HTML 6Page - First Silicon Co., Ltd FC2338 Datasheet HTML 7Page - First Silicon Co., Ltd FC2338 Datasheet HTML 8Page - First Silicon Co., Ltd FC2338 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Electrical Characteristics (Notes 3, 4)
(TA=25℃ Unless otherwise specified, VCC =11.2V)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage Section
VCC_ON
VCC Turn On Threshold
VCC Rising
9.0
10.7
12.5
V
VCC_UVLO
VCC Turn Off Threshold
VCC Falling
6.0
7.0
8.2
V
VCC_HIGH
VCC Charge Limit
VCC Rising
9.0
10.7
12.5
V
VCC_CLAMP
VCC Clamp Voltage
11
14
17
V
ICC_UVLO
VCC Startup Current
VCC Rising,
VCC= VCC_ON - 1V
40
80
uA
ICC
VCC Operating Current
FOP=7kHz,
180
300
uA
Feedback Section
VFB_OVP
FB Over Voltage
Protection Threshold
1.5
1.65
1.85
V
Internal Controller
TON_MAX
Maximum On Time
4
5.5
8
us
TOFF_MIN
Minimum Off Time
2
4.2
6
us
TOFF_MAX
Maximum Off Time
150
us
Current Sense Section
VCS_LIMIT
CS Peak Voltage Limitation
1.5
V
TLEB_CS
Leading Edge Blanking
Time for Current Sense
300
ns
TDELAY
Switch off Delay Time
200
ns
Compensation Section
VREF
Internal Reference Voltage
0.194
0.200
0.206
V
VCOMP_LO
COMP Low Clamp
Voltage
1.6
V
VCOMP_HI
COMP High Clamp
Voltage
4.0
V
FC2338
2019. 10. 02
5/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com