Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2338 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC2338
Description  Non-isolated Buck APFC LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2338 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC2338 Datasheet HTML 1Page - First Silicon Co., Ltd FC2338 Datasheet HTML 2Page - First Silicon Co., Ltd FC2338 Datasheet HTML 3Page - First Silicon Co., Ltd FC2338 Datasheet HTML 4Page - First Silicon Co., Ltd FC2338 Datasheet HTML 5Page - First Silicon Co., Ltd FC2338 Datasheet HTML 6Page - First Silicon Co., Ltd FC2338 Datasheet HTML 7Page - First Silicon Co., Ltd FC2338 Datasheet HTML 8Page - First Silicon Co., Ltd FC2338 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RDS_ON
Static Drain-source On-
resistance
VGS=10V/IDS=0.5A
1.8
Ω
BVDSS
Drain-Source Breakdown
Voltage
VGS=0V/IDS=250uA
600
V
IDSS
Power MOSFET Drain
Leakage Current
VGS=0V/VDS=600V
1
uA
HV JFET
IJFET
JFET current
Drain of JFET to
GND 40v
5
9
13
mA
BVDSS
JFET Drain to Source
600
V
IDSS
JFET shut down
Leakage Current
45
uA
Thermal Regulation Section
TREG
Thermal Regulation
Temperature
140
℃
Note 3: production testing of the chip is performed at 25 C.
Note 4: the maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed by design, characteriza tion and statistical
analysis
Power MOSFET
FC2338
2019. 10. 02
6/9
Revision No : 0
Electrical Characteristics (Con.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com