Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2338 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC2338
Description  Non-isolated Buck APFC LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2338 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC2338 Datasheet HTML 1Page - First Silicon Co., Ltd FC2338 Datasheet HTML 2Page - First Silicon Co., Ltd FC2338 Datasheet HTML 3Page - First Silicon Co., Ltd FC2338 Datasheet HTML 4Page - First Silicon Co., Ltd FC2338 Datasheet HTML 5Page - First Silicon Co., Ltd FC2338 Datasheet HTML 6Page - First Silicon Co., Ltd FC2338 Datasheet HTML 7Page - First Silicon Co., Ltd FC2338 Datasheet HTML 8Page - First Silicon Co., Ltd FC2338 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ordering Information
Part Number
Package
Operating
Temperature
Package Method
Marking
FC2338
SOP-7
-40 ℃ to 105 ℃
Tape
4,000 pcs/Reel
BP2338
XXXXXYS
FGXXWWJ
Pin Configuration and Marking Information
COMP
VCC
FB
DRAIN
DRAIN
GND
CS
Figure 3. Pin configuration
Pin Definition
Pin No.
Name
Description
1
COMP
Loop Compensation Node. This pin connects a capacitor to GND for
stabilization of the control loop, achieving accurate LED current, high
Power Factor and low THD.
2
GND
Ground.
3
VCC
Power Supply Pin. Connect a bypass capacitor from this pin to GND.
4
FB
Output Voltage detection Pin. If the system have no OVP,this pin will
be connected to GND.
5,6
DRAIN
Internal HV Power MOSFET Drain.
7
CS
Current Sense Pin. Connect a resistor to GND to sense the inductor
current.
XXXXXY: Lot Code
FGXX: Sign
WW: Week
FC2338
2019. 10. 02
3/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com