Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2338 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC2338
Description  Non-isolated Buck APFC LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2338 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FC2338 Datasheet HTML 1Page - First Silicon Co., Ltd FC2338 Datasheet HTML 2Page - First Silicon Co., Ltd FC2338 Datasheet HTML 3Page - First Silicon Co., Ltd FC2338 Datasheet HTML 4Page - First Silicon Co., Ltd FC2338 Datasheet HTML 5Page - First Silicon Co., Ltd FC2338 Datasheet HTML 6Page - First Silicon Co., Ltd FC2338 Datasheet HTML 7Page - First Silicon Co., Ltd FC2338 Datasheet HTML 8Page - First Silicon Co., Ltd FC2338 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Internal Block Diagram
+
-
OVP
Gm
VREF
UVLO
&VREF
Current
Sense
PFC
Control
FB
CS
DRAIN
VCC
COMP
GND 2
1
3
5, 6
7
4
Driver
Thermal
Regulation
Logic &
Protection
HV
Startup
& Power
Supply
Demag
Figure 5. FC2338 Internal Block Diagram
Application Information
The FC2338 integrating a 600V power MOSFET,
is a high precision non-isolated buck APFC LED
driver, specially designed for universal mains with
constant current control. The driver with on-chip PFC
circuit achieves high power factor, low THD and high
efficiency.
1 Start Up
After system powered on, the capacitor on VCC pin is
charged up by the internal JFET. When the VCC pin
voltage reaches the turn on threshold, the internal
circuits start working. The COMP pin voltage is
pulled up to 1.6V quickly, then the system starts
switching from 7kHz frequency at the beginning, the
COMP voltage rises up gradually, and the inductor
peak current also rises up. The LED current hence
achieves a soft start without overshoot.
2 Constant Current Control
The FC2338 utilizes patent pending floating ground
structure. The inductor current is sensed during the
whole switching cycle, thus it achieves high precision
output current control and also excellent line and load
regulation.
The LED current can be calculated by the equation:
Rcs
V
I
OUT
REF
≈
Where,
VREF: Internal reference voltage
Rcs: Value of the current sensing resistor
3 Feedback Network
The FB pin is used to detect output voltage, the OVP
threshold voltage is 1.65V. The ratio of FB upper
FC2338
2019. 10. 02
7/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com