Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD1601 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTD1601
Description  3A, 150KHz PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1601 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTD1601 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 7Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 8Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FTD1601
2021. 03. 15
4/9
Revision No : 0
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 63
V
Feedback Pin Voltage
VFB
-0.3 to 5
V
ON/OFF Pin Voltage
VEN
-0.3 to 5
V
Output Pin Voltage
VSW
-0.3 to Vin+0.3
V
Power Dissipa�on
PD
Internally limited
mW
Opera�ng Junc�on Temperature
TJ
150
℃
Storage Temperature
TSTG
-65 to 150
℃
Lead Temperature (Soldering, 10 sec)
TLED
260
℃
ESD (HBM)
2000
V
MSL
Level3
Thermal Resistance-Junc�on to Ambient
RθJA
23
℃
/ W
Thermal Resistance-Junc�on to Case
RθJC
3.5
℃
/ W
Recommended Operation Conditions (Note3)
Parameter
Symbol
Min.
Max.
Unit
Input Voltage
VIN
9
60
V
Output voltage
Vout
1.23
50
V
Converter output current
Iout
0
3
A
Opera�ng Junc�on Temperature
TJ
-40
125
℃
Opera�ng Ambient Temperature
TA
-40
85
℃
Note: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operation is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com