Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD1601 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD1601
Description  3A, 150KHz PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1601 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD1601 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 7Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 8Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FTD1601
2021. 03. 15
2/9
Revision No : 0
Pin Configurations
Figure 2. Pin Configuration of FTD1601(Top View)
Pin Description
Pin Number Pin Name Description
1
Vin
Input supply voltage
2
Output
Switching output
3
GND
Ground
4
FB
Output voltage feedback
5
ON/OFF
ON/OFF shutdown. Ac�ve is “Low” or floa�ng
TO-263-5L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com