Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD1601 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTD1601
Description  3A, 150KHz PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1601 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTD1601 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 7Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 8Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FTD1601
2021. 03. 15
3/9
Revision No : 0
Ordering Information
FTD1601
□
□
Circuit Type
Output Voltage:
50:5V
Package
ADJ: ADJ
S: TO-263-5L
Function Block
Figure 3. Function Block Diagram of FTD1601



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com