Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD1601 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FTD1601
Description  3A, 150KHz PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1601 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FTD1601 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 7Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 8Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FTD1601
2021. 03. 15
8/9
Revision No : 0
output voltage. Ceramic, tantalum, or low ESR electroly�c
capacitors are recommended. Under typical applica�on
condi�ons, a minimum ceramic capacitor value of 20µF is
recommended on the output. Low ESR capacitors are
preferred to keep the output voltage ripple low. The output
voltage ripple can be es�mated by:
∆VOUT=Voutfs×L× 1-VoutVin × RESR+ 18×fS×C2
Where C2 is the output capacitance value and RESR is the
equivalent series resistance (ESR) value of the output
capacitor.
When using ceramic capacitors, the impedance at the
switching frequency is dominated by the capacitance which
is the main cause for the output voltage ripple. For
simplifica�on, the output voltage ripple can be es�mated
by:
∆V = V
8×f ×L×C2×(1−VV )
When using tantalum or electroly�c capacitors. The ESR
dominates the impedance at the switching frequency. For
simplifica�on, the output ripple can be approximated to:
∆V =Vf×L×(1−VV )×R
The characteris�cs of the output capacitor also affect the
stability of the regula�on system. The FTD1601 can be
op�mized for a wide range of capacitance and ESR values.
Layout Consideration
1. Input MLCC capacitor is strongly recommended to added
and should be connected to the VIN pin and the GND pin as
close as possible.
2. Keep sensi�ve signal traces such as trace connec�ng FB
pin away from the VOUT pins.
3. Make the current trace from SW pin to inductor to the
GND as short as possible.
4. Pour a maximized copper area to the GND pin and the VIN
pin to help thermal dissipa�on.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com