Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD1601 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FTD1601
Description  3A, 150KHz PWM Buck DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1601 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTD1601 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 3Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 4Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 5Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 6Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 7Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 8Page - First Silicon Co., Ltd FTD1601 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FTD1601
2021. 03. 15
7/9
Revision No : 0
Function Description
The FTD1601 regulates input voltages from 9V to 60V down
to an output voltage as low as 1.23V, and supplies up to 3A
of load current.
The FTD1601 uses current-mode control to regulate the
output voltage. The output voltage is measured at FB
through a resis�ve voltage divider and amplified through the
internal trans-conductance error amplifier. The output
voltage of the error amplifier is compared to the switch
current (measured internally) to control the output voltage.
Setting the Output Voltage
The output voltage is set using a resis�ve voltage divider
connected from the output voltage to FB. The voltage
divider divides the output voltage down to the feedback
voltage by the ra�o:
V =V ×( RR+R)
Thus the output voltage is:
V =1.23×(R +RR)
Inductor
The inductor is required to supply constant current to the
load while being driven by the switched input voltage. A
larger value inductor will result in less ripple current that will
in turn result in lower output ripple voltage. However, the
larger value inductor will have a larger physical size, higher
series resistance, and/or lower satura�on current. A good
rule for determining inductance is to allow the peak-to-peak
ripple current to be approximately 30% or the maximum
switch current limit. Also, make sure that the peak inductor
current is below the maximum switch current limit.
The inductance value can be calculated by:
L= Vf×∆I ×(1−VV )
Where VOUT is the output voltage, VIN is the input voltage, fs
is the switching frequency, and ∆IL is the peak-to-peak
inductor ripple current.
Choose an inductor that will not saturate under the
maximum inductor peak current, calculated by:
L =I + V2×f ×L×(1−VV )
where ILOAD is the load current.
The choice of which style inductor to use mainly depends on
the price vs. size requirements and any EMI constraints.
Input Capacitor
The input current to the step-down converter is
discon�nuous, therefore a capacitor is required to supply
the AC current while maintaining the DC input voltage. Use
low ESR capacitors for the best performance. Ceramic
capacitors are preferred, but tantalum or low-ESR
electroly�c capacitors will also suffice. Choose X5R or X7R
dielectrics when using ceramic capacitors. Since the input
capacitor (C1) absorbs the input switching current, it
requires and adequate ripple current ra�ng. The RMS
current in the input capacitor can be es�mated by:
I =I × VV ×(1−VV )
The worst-case condi�on occurs at VIN=2VOUT, where IC1 =
ILOAD/2. For simplifica�on, use an input capacitor with a RMS
current ra�ng greater than half of the maximum load
current. The input capacitor can be electroly�c, tantalum or
ceramic. When using electroly�c or tantalum capacitor, be
placed as close to the IC as possible. When using ceramic
capacitors, make sure that they have enough capacitance to
provide sufficient charge to prevent excessive voltage ripple
at input. The input voltage ripple for low ESR capacitors can
be es�mated by:
∆V =IC ×f×VV (1−VV )
where C1 is the input capacitance Value.
Output Capacitor
The output capacitor (C2) is required to maintain the DC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com