Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830QZ Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC830QZ
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830QZ Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC830QZ Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 5
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
AC Characteristics
Table 3: AC Timing
NOTES: (1) Tested on a sample basis only, with 223-1 PRBS data, input signal rise/fall time < 150ps. Value stated in table is added
to measurement system jitter. (2) Input signal rise/fall time < 150ps, measured using an alternating 1, 0 pattern.
DC Characteristics (All characteristics are over the specified operating conditions)
Table 4: Power Supply
NOTE: Specified with outputs terminated, 100
Ω between true and complement, V
CC = 3.45V.
Table 5: Select Input Levels—TTL Mode
Table 6: Select Input Levels—PECL Mode
Table 7: Control Inputs
Symbol
Parameter
Min
Typ
Max
Units
FRATE
Signal path data rate
2.7
Gb/s
FBW
Signal path bandwidth (-3dB)
2.7
GHz
TSKW
Channel to channel delay skew
50
ps
TCON
Switch configuration setup time(1)
1ns
tR, tF
High-speed output rise/fall times, 20% to 80%(2)
150
ps
tjP
Signal path added jitter, peak-peak(1)
40
ps
Symbol
Parameter
Min
Typ
Max
Units
Conditions
ICC
Total VCC(P) supply current
350
mA
PD
Power dissipation per output
(Y1A±, Y2A±, Y1B±, Y2B±)
300
mW
PT
Total chip power (all outputs powered on)
1.2
W
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VIH
Input HIGH voltage (TTL)
2.0
V
VIL
Input LOW voltage (TTL)
0.8
V
IIH
Input HIGH current (TTL)
500
µAV
IN = 2.4V
IIL
Input LOW current (TTL)
-500
µAV
IN = 0.5V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VIH
Input HIGH voltage (PECL)
VCC-
1.0
V
VIL
Input LOW voltage (PECL)
VCC-
1.6
V
IIH
Input HIGH current (PECL)
500
µAV
IN = 2.5V
IIL
Input LOW current (PECL)
-500
µAV
IN = 1.5V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
RPEMODE
PEMODE pin impedance
3100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com