Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830QZ Datasheet(PDF) 17 Page - Vitesse Semiconductor Corporation

Part # VSC830QZ
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830QZ Datasheet(HTML) 17 Page - Vitesse Semiconductor Corporation

Back Button VSC830QZ Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 17
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
High-Speed Serial I/O Layout Considerations
The high-speed serial signals contain digital data at fundamental frequencies up to 2.488GHz clock rate.
Given that, in order to preserve the edges of such data sequences, it is necessary to have excellent frequency and
phase response up to at least the 3rd harmonic, if not the 7th harmonic. Improved signal quality will result should
the reader follow the general design rules below:
1.
Keep traces as short as possible. Initial component placement should be very carefully considered.
2.
The impedance of the traces must match that of the terminations, connectors and cable(s) in order to reduce
reflections and impedance mismatches. Reflections can create standing waves that will increase the signal
jitter.
3.
Differential transmission line impedance must be maintained at 100
Ω.
4.
When routing differential pairs, keep the lengths identical for both traces. Differences in trace length trans-
late directly into signal skew and can add to the signal jitter. Remember also that the differential impedance
is affected by the separation between the traces.
5.
Keep differential pair traces on the same side of the PCB to minimize impedance discontinuity, such as the
one caused when using printed-circuit board vias.
6.
Eliminate or reduce stubs.
7.
Use rounded corners rather than 45
° or 90° corners.
8.
Keep signal traces far from other signals which might capacitively couple noise into the signals. This
includes the other trace of a differential pair or the traces of the parallel PECL or TTL interface.
9.
Do not cut up the power or ground planes in an effort to steer current paths. This usually produces more
noise, not less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com