Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830QZ Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC830QZ
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830QZ Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC830QZ Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 10
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information
NOTES:
44
34
0.102 MAX. LEAD
COPLANARITY
1
33
23
22
12
G
F
IH
10o TYP
0.17 MAX.
L
10o TYP
K
D
A
0.25
J
0 o- 8 o
0.25 MAX.
E
0.20 RAD. TYP.
11
J1
0.30 RAD.TYP.
Drawing not to scale.
Heat spreader up.
All units in mm unless otherwise noted.
Package #: 101-299-1
Issue #: 1
44-Pin PQFP, 10mm x 10mm Package Drawing
Item
mm
Tol.
A2.45
MAX
D
2.00
+.10 / -.05
E0.35
±.05
F13.20
±.25
G10.00
±.10
H13.20
±.25
I10.00
±.10
J
0.88
+.15 / -.10
J1
0.80
+.15 / -.10
K0.80
BASIC
L3.56
±.50 DIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com