Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830QZ Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC830QZ
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830QZ Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC830QZ Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
2.7Gb/s Asynchronous
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
Page 8
G52192-0, Rev 4.0
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 10: Pin Identification
Signal Name
Pin(s)
Function
Description
VCC
1, 5, 7, 11, 12,
16, 28, 40, 44
Positive Supply
Global supply for chip
VEE1A
34, 35
Negative Supply
For channel output 1A. Must always be powered on.
VEE2A
32, 33
Negative Supply
For output 2A. Connect to VCC to power-off.
VEE1B
23, 24
Negative Supply
For output 1B. Connect to VCC to power-off.
VEE2B
21, 22
Negative Supply
For output 2B. Connect to VCC to power-off.
VCCP1A
38
Positive Supply
Output driver supply for channel 1A
VCCP2A
29
Positive Supply
Output driver supply for channel 2A
VCCP1B
27
Positive Supply
Output driver supply for channel 1B
VCCP2B
18
Positive Supply
Output driver supply for channel 2B
TERM_ENABLE_A
39
Termination Enable
Input termination enable for the “A” switch.
Normally low (VEE). Connect to VCC to enable
internal 100 ohm termination between AxA+ inputs.
TERM_ENABLE_B
17
Termination Enable
Input termination enable for the “B” switch.
Normally low (VEE). Connect to VCC to enable
internal 100
Ω termination between AxA+ inputs.
PEMODE
6
Control
PECL/TTL interface control
A1A±
41, 42
PECL Input
Channel 1A differential signal input
S1A
43
PECL/TTL Input
Channel 1A input selector
Y1A±
37, 36
PECL Output
Channel 1A differential output
A2A±
3, 4
PECL Input
Channel 2A differential signal input
S2A
2
PECL/TTL Input
Channel 2A input selector
Y2A±
31, 30
PECL Output
Channel 2A differential output
A1B±
8, 9
PECL Input
Channel 1B differential signal input
S1B
10
PECL/TTL Input
Channel 1B input selector
Y1B±
26, 25
PECL Output
Channel 1B differential output
A2B±
14, 15
PECL Input
Channel 2B differential signal input
S2B
13
PECL/TTL Input
Channel 2B input selector
Y2B±
20, 19
PECL Output
Channel 2B differential output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com