Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830QZ Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC830QZ
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830QZ Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC830QZ Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC830QZ Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 9
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Thermal Characteristics
The VSC830 is packaged into a standard plastic quad flatpack with an embedded, but unexposed thermal
slug. This package adheres to industry-standard EIAJ footprints for a 10x10mm body, 44 lead PQFP. The pack-
age construction is as shown in Figure 4. The 44-pin PQFP with embedded slug has the thermal properties
shown in Table 11. This package allows the VSC830 to operate with ambient temperatures up to 70oC in still
air.
Figure 4: Package Cross Reference
Table 11: 44-Pin PQFP Thermal Resistance
NOTE: TA(MAX) = max case temperature - (max power dissipation • θCA AIRFLOW).
Symbol
Description
Value
(oC/W)
TA(MAX)
(oC)
θ
CA-0
Thermal resistance from case-to-ambient, still air
28.4
50.9
θ
CA-100
Thermal resistance from case-to-ambient, 100 LFPM air
22.7
57.8
θ
CA-200
Thermal resistance from case-to-ambient, 200 LFPM air
19.9
61.1
θ
CA-400
Thermal resistance from case-to-ambient, 400 LFPM air
16.2
65.6
θ
CA-600
Thermal resistance from case-to-ambient, 600 LFPM air
13.9
68.3
Lead
Die
Plastic Molding Compound
Insulator
Wire Bond
Copper Heat Spreader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com