Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M105PVC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UT63M105PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PVC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UT63M105PVC Datasheet HTML 7Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 8Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 9Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 10Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 11Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 12Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 13Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 14Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
PCD
Power Dissipation
0.9
2.1
3.3
1.0
2.5
3.8
W
W
W
W
W
W
VEE = -12V VCC = 5V
VCCA = +5V to +12V
0% duty cycle (non-transmitting)
50% duty cycle (
ƒ = 1MHz)
100% duty cycle (
ƒ = 1MHz)
VEE = -15V VCC = 5V
VCCA = +5V to +15V
0% duty cycle (non-transmitting)
50% duty cycle (
ƒ = 1MHz)
100% duty cycle (
ƒ = 1MHz)
Notes:
1. All tests guaranteed per test figure 6.
2. As specified in test conditions.
DC ELECTRICAL CHARACTERISTICS
VCC = +5V (± 10%)
VCCA = +5V to + 12V (± 5%) or +5V to +15V (± 5%)
VEE = -12V or -15V (± 5%)
-55
°C < T
C < +125°C
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com