Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT63M105PVC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UT63M105PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PVC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UT63M105PVC Datasheet HTML 2Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 3Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 4Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 5Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 6Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 7Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 8Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 9Page - List of Unclassifed Manufacturers UT63M105PVC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
DATA BUS INTERFACE
The designer can connect the UT63M1XX to the data bus via a
short-stub (direct-coupling) connection or a long-stub
(transformer-coupling) connection. Use a short-stub connection
when the distance from the isolation transformer to the data bus
does not exceed a one-foot maximum. Use a long-stub
connection when the distance from the isolation transformer
exceeds the one-foot maximum and is less than twenty-five feet.
Figure 5 shows various examples of bus coupling
configurations. The UT63M1XX series transceivers are
designed to function with MIL-STD-1553A and 1553B
compatible transformers.
RECOMMENDED THERMAL PROTECTION
All packages, single and dual, should mount to or contact a heat
removal rail located in the printed circuit board. To insure proper
heat transfer between the package and the heat removal rail, use
a thermally conductive material between the package and the
heat removal rail. Use a material such as Mereco XLN-589 or
equivalent to insure heat transfer between the package and heat
removal rail.
Figure 4. Typical Receiver Waveforms
QUIESCENT IDLE LOW
RXOUT
RXOUT
LINE-TO-LINE
DIFFERENTIAL
INPUT
RXOUT
RXOUT
tRXDD
Table 2. Transceiver Model Capabilities
MODEL
VCC
VEE
VCCA
IDLE
UT63M105
+5V
-15V
+5 to +15V
Low
UT63M107
+5V
-12V
+5 to +12V
Low
UT63M125
+5V
-15V
+5 to +15V
Low
UT63M127
+5V
-12V
+5 to +12V
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com